| Moteur de recherche de fiches techniques de composants électroniques |
|
P5021 Fiches technique(PDF) 22 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P5021 Fiches technique(HTML) 22 Page - NXP Semiconductors |
|
22 / 155 page ![]() P5021 QorIQ Integrated Processor Data Sheet, Rev. 1 Pin assignments and reset states Freescale Semiconductor 22 EMI2_MDIO Management Data In/Out AJ30 I/O 1.2 V 2, 18, 22 Ethernet Reference Clock EC1_GTX_CLK125/ EC1_TX_CLK Reference Clock (RGMII) Transmit Clock (MII) AK34 I LVDD 27 EC2_GTX_CLK125/ EC2_TX_CLK Reference Clock (RGMII) Transmit Clock (MII) AL33 I LVDD 27 Ethernet External Timestamping EC_XTRNL_TX_STMP1 External Timestamp Transmit 1 AM31 I LVDD — EC_XTRNL_RX_STMP1 External Timestamp Receive 1 AK32 I LVDD — EC_XTRNL_TX_STMP2/EC2_COL External Timestamp Transmit 2 AJ31 I LVDD — EC_XTRNL_RX_STMP2/EC2_CRS External Timestamp Receive 2 AK31 I LVDD — Three-Speed Ethernet controller 1 EC1_TXD3 Transmit Data AP36 O LVDD 35 EC1_TXD2 Transmit Data AT34 O LVDD 35 EC1_TXD1 Transmit Data AR34 O LVDD 35 EC1_TXD0 Transmit Data AT35 O LVDD 35 EC1_TX_EN Transmit Enable AR36 O LVDD 15 EC1_GTX_CLK/ EC1_TX_ER Transmit Clock Out (RGMII) Transmit Error (MII) AP35 O LVDD 26 EC1_RXD3 Receive Data AM33 I LVDD 27 EC1_RXD2 Receive Data AN34 I LVDD 27 EC1_RXD1 Receive Data AN35 I LVDD 27 EC1_RXD0 Receive Data AN36 I LVDD 27 EC1_RX_DV Receive Data Valid AM34 I LVDD 27 EC1_RX_CLK Receive Clock AM36 I LVDD 27 EC1_RX_ER/TSEC_1588_TRIG_IN2 Receive Error (MII) AK36 I LVDD — EC1_COL/GPIO30/TSEC_1588_ALARM_OUT2 Collision Detect (MII) AK35 O LVDD 26 EC1_CRS/GPIO31/TSEC_1588_PULSE_OUT2 Carrier Sense (MII) AJ34 O LVDD 26 Three-Speed Ethernet controller 2 EC2_TXD3 Transmit Data AT31 O LVDD 35 EC2_TXD2 Transmit Data AP30 O LVDD 35 EC2_TXD1 Transmit Data AR30 O LVDD 35 EC2_TXD0 Transmit Data AT30 O LVDD 35 EC2_TX_EN Transmit Enable AR31 O LVDD 15 Table 1. Pins listed by bus (continued) Signal Signal description Package pin number Pin type Power supply Notes |