| Moteur de recherche de fiches techniques de composants électroniques |
|
P5021 Fiches technique(PDF) 9 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P5021 Fiches technique(HTML) 9 Page - NXP Semiconductors |
|
9 / 155 page ![]() Pin assignments and reset states P5021 QorIQ Integrated Processor Data Sheet, Rev. 1 Freescale Semiconductor 9 1.2 Pinout list This table provides the pinout listing for the 1295 FC-PBGA package by bus. Table 1. Pins listed by bus Signal Signal description Package pin number Pin type Power supply Notes DDR SDRAM Memory interface 1 D1_MDQ00 Data A17 I/O GVDD — D1_MDQ01 Data D17 I/O GVDD — D1_MDQ02 Data C14 I/O GVDD — D1_MDQ03 Data A14 I/O GVDD — D1_MDQ04 Data C17 I/O GVDD — D1_MDQ05 Data B17 I/O GVDD — D1_MDQ06 Data A15 I/O GVDD — D1_MDQ07 Data B15 I/O GVDD — D1_MDQ08 Data D15 I/O GVDD — D1_MDQ09 Data G15 I/O GVDD — D1_MDQ10 Data E12 I/O GVDD — D1_MDQ11 Data G12 I/O GVDD — D1_MDQ12 Data F16 I/O GVDD — D1_MDQ13 Data E15 I/O GVDD — D1_MDQ14 Data E13 I/O GVDD — D1_MDQ15 Data F13 I/O GVDD — D1_MDQ16 Data C8 I/O GVDD — D1_MDQ17 Data D12 I/O GVDD — D1_MDQ18 Data E9 I/O GVDD — D1_MDQ19 Data E10 I/O GVDD — D1_MDQ20 Data C11 I/O GVDD — D1_MDQ21 Data C10 I/O GVDD — D1_MDQ22 Data E6 I/O GVDD — D1_MDQ23 Data E7 I/O GVDD — D1_MDQ24 Data F7 I/O GVDD — D1_MDQ25 Data F11 I/O GVDD — D1_MDQ26 Data H10 I/O GVDD — D1_MDQ27 Data J10 I/O GVDD — D1_MDQ28 Data F10 I/O GVDD — D1_MDQ29 Data F8 I/O GVDD — D1_MDQ30 Data H7 I/O GVDD — |