Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 278 Page - NXP Semiconductors

No de pièce HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 278 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 274Page - NXP Semiconductors HCS08 Datasheet HTML 275Page - NXP Semiconductors HCS08 Datasheet HTML 276Page - NXP Semiconductors HCS08 Datasheet HTML 277Page - NXP Semiconductors HCS08 Datasheet HTML 278Page - NXP Semiconductors HCS08 Datasheet HTML 279Page - NXP Semiconductors HCS08 Datasheet HTML 280Page - NXP Semiconductors HCS08 Datasheet HTML 281Page - NXP Semiconductors HCS08 Datasheet HTML 282Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 316 page
background image
MC9S08SG8 MCU Series Data Sheet, Rev. 8
278
Freescale Semiconductor
Figure 17-6. System Background Debug Force Reset Register (SBDFR)
17.4.3
DBG Registers and Control Bits
The debug module includes nine bytes of register space for three 16-bit registers and three 8-bit control
and status registers. These registers are located in the high register space of the normal memory map so
they are accessible to normal application programs. These registers are rarely if ever accessed by normal
user application programs with the possible exception of a ROM patching mechanism that uses the
breakpoint logic.
17.4.3.1
Debug Comparator A High Register (DBGCAH)
This register contains compare value bits for the high-order eight bits of comparator A. This register is
forced to 0x00 at reset and can be read at any time or written at any time unless ARM = 1.
17.4.3.2
Debug Comparator A Low Register (DBGCAL)
This register contains compare value bits for the low-order eight bits of comparator A. This register is
forced to 0x00 at reset and can be read at any time or written at any time unless ARM = 1.
17.4.3.3
Debug Comparator B High Register (DBGCBH)
This register contains compare value bits for the high-order eight bits of comparator B. This register is
forced to 0x00 at reset and can be read at any time or written at any time unless ARM = 1.
17.4.3.4
Debug Comparator B Low Register (DBGCBL)
This register contains compare value bits for the low-order eight bits of comparator B. This register is
forced to 0x00 at reset and can be read at any time or written at any time unless ARM = 1.
7
654
321
0
R
00
000
000
W
BDFR1
1 BDFR is writable only through serial background mode debug commands, not from user programs.
Reset
00
000
000
= Unimplemented or Reserved
Table 17-3. SBDFR Register Field Description
Field
Description
0
BDFR
Background Debug Force Reset — A serial active background mode command such as WRITE_BYTE allows
an external debug host to force a target system reset. Writing 1 to this bit forces an MCU reset. This bit cannot
be written from a user program.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com