Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 247 Page - NXP Semiconductors

No de pièce HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 247 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 243Page - NXP Semiconductors HCS08 Datasheet HTML 244Page - NXP Semiconductors HCS08 Datasheet HTML 245Page - NXP Semiconductors HCS08 Datasheet HTML 246Page - NXP Semiconductors HCS08 Datasheet HTML 247Page - NXP Semiconductors HCS08 Datasheet HTML 248Page - NXP Semiconductors HCS08 Datasheet HTML 249Page - NXP Semiconductors HCS08 Datasheet HTML 250Page - NXP Semiconductors HCS08 Datasheet HTML 251Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 316 page
background image
Timer/PWM Module (S08TPMV3)
MC9S08SG8 MCU Series Data Sheet, Rev. 8
Freescale Semiconductor
247
16.3
Register Definition
This section consists of register descriptions in address order.
16.3.1
TPM Status and Control Register (TPMxSC)
TPMxSC contains the overflow status flag and control bits used to configure the interrupt enable, TPM
configuration, clock source, and prescale factor. These controls relate to all channels within this timer
module.
76
54
32
1
0
RTOF
TOIE
CPWMS
CLKSB
CLKSA
PS2
PS1
PS0
W0
Reset
0
00
00
0
00
Figure 16-7. TPM Status and Control Register (TPMxSC)
Table 16-5. TPMxSC Field Descriptions
Field
Description
7
TOF
Timer overflow flag. This read/write flag is set when the TPM counter resets to 0x0000 after reaching the modulo
value programmed in the TPM counter modulo registers. Clear TOF by reading the TPM status and control
register when TOF is set and then writing a logic 0 to TOF. If another TPM overflow occurs before the clearing
sequence is complete, the sequence is reset so TOF would remain set after the clear sequence was completed
for the earlier TOF. This is done so a TOF interrupt request cannot be lost during the clearing sequence for a
previous TOF. Reset clears TOF. Writing a logic 1 to TOF has no effect.
0 TPM counter has not reached modulo value or overflow
1 TPM counter has overflowed
6
TOIE
Timer overflow interrupt enable. This read/write bit enables TPM overflow interrupts. If TOIE is set, an interrupt is
generated when TOF equals one. Reset clears TOIE.
0 TOF interrupts inhibited (use for software polling)
1 TOF interrupts enabled
5
CPWMS
Center-aligned PWM select. When present, this read/write bit selects CPWM operating mode. By default, the TPM
operates in up-counting mode for input capture, output compare, and edge-aligned PWM functions. Setting
CPWMS reconfigures the TPM to operate in up/down counting mode for CPWM functions. Reset clears CPWMS.
0 All channels operate as input capture, output compare, or edge-aligned PWM mode as selected by the
MSnB:MSnA control bits in each channel’s status and control register.
1 All channels operate in center-aligned PWM mode.
4–3
CLKS[B:A]
Clock source selects. As shown in Table 16-6, this 2-bit field is used to disable the TPM system or select one of
three clock sources to drive the counter prescaler. The fixed system clock source is only meaningful in systems
with a PLL-based system clock. When there is no PLL, the fixed-system clock source is the same as the bus rate
clock. The external source is synchronized to the bus clock by TPM module, and the fixed system clock source
(when a PLL is present) is synchronized to the bus clock by an on-chip synchronization circuit. When a PLL is
present but not enabled, the fixed-system clock source is the same as the bus-rate clock.
2–0
PS[2:0]
Prescale factor select. This 3-bit field selects one of 8 division factors for the TPM clock input as shown in
Table 16-7. This prescaler is located after any clock source synchronization or clock source selection so it affects
the clock source selected to drive the TPM system. The new prescale factor will affect the clock source on the
next system clock cycle after the new value is updated into the register bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com