Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 249 Page - NXP Semiconductors

No de pièce HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 249 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 245Page - NXP Semiconductors HCS08 Datasheet HTML 246Page - NXP Semiconductors HCS08 Datasheet HTML 247Page - NXP Semiconductors HCS08 Datasheet HTML 248Page - NXP Semiconductors HCS08 Datasheet HTML 249Page - NXP Semiconductors HCS08 Datasheet HTML 250Page - NXP Semiconductors HCS08 Datasheet HTML 251Page - NXP Semiconductors HCS08 Datasheet HTML 252Page - NXP Semiconductors HCS08 Datasheet HTML 253Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 316 page
background image
Timer/PWM Module (S08TPMV3)
MC9S08SG8 MCU Series Data Sheet, Rev. 8
Freescale Semiconductor
249
When BDM is active, the timer counter is frozen (this is the value that will be read by user); the coherency
mechanism is frozen such that the buffer latches remain in the state they were in when the BDM became
active, even if one or both counter halves are read while BDM is active. This assures that if the user was
in the middle of reading a 16-bit register when BDM became active, it will read the appropriate value from
the other half of the 16-bit value after returning to normal execution.
In BDM mode, writing any value to TPMxSC, TPMxCNTH or TPMxCNTL registers resets the read
coherency mechanism of the TPMxCNTH:L registers, regardless of the data involved in the write.
16.3.3
TPM Counter Modulo Registers (TPMxMODH:TPMxMODL)
The read/write TPM modulo registers contain the modulo value for the TPM counter. After the TPM
counter reaches the modulo value, the TPM counter resumes counting from 0x0000 at the next clock, and
the overflow flag (TOF) becomes set. Writing to TPMxMODH or TPMxMODL inhibits the TOF bit and
overflow interrupts until the other byte is written. Reset sets the TPM counter modulo registers to 0x0000
which results in a free running timer counter (modulo disabled).
Writing to either byte (TPMxMODH or TPMxMODL) latches the value into a buffer and the registers are
updated with the value of their write buffer according to the value of CLKSB:CLKSA bits, so:
•
If (CLKSB:CLKSA = 0:0), then the registers are updated when the second byte is written
•
If (CLKSB:CLKSA not = 0:0), then the registers are updated after both bytes were written, and the
TPM counter changes from (TPMxMODH:TPMxMODL - 1) to (TPMxMODH:TPMxMODL). If
the TPM counter is a free-running counter, the update is made when the TPM counter changes from
0xFFFE to 0xFFFF
The latching mechanism may be manually reset by writing to the TPMxSC address (whether BDM is
active or not).
When BDM is active, the coherency mechanism is frozen (unless reset by writing to TPMxSC register)
such that the buffer latches remain in the state they were in when the BDM became active, even if one or
both halves of the modulo register are written while BDM is active. Any write to the modulo registers
bypasses the buffer latches and directly writes to the modulo register while BDM is active.
76
54
32
1
0
R
Bit 7
6
54
321
Bit 0
W
Any write to TPMxCNTL clears the 16-bit counter
Reset
0
00
00
0
00
Figure 16-9. TPM Counter Register Low (TPMxCNTL)
76
54
32
1
0
R
Bit 15
14
13
12
11
10
9
Bit 8
W
Reset
0
00
00
0
00
Figure 16-10. TPM Counter Modulo Register High (TPMxMODH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com