Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 250 Page - NXP Semiconductors

No de pièce HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 250 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 246Page - NXP Semiconductors HCS08 Datasheet HTML 247Page - NXP Semiconductors HCS08 Datasheet HTML 248Page - NXP Semiconductors HCS08 Datasheet HTML 249Page - NXP Semiconductors HCS08 Datasheet HTML 250Page - NXP Semiconductors HCS08 Datasheet HTML 251Page - NXP Semiconductors HCS08 Datasheet HTML 252Page - NXP Semiconductors HCS08 Datasheet HTML 253Page - NXP Semiconductors HCS08 Datasheet HTML 254Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 316 page
background image
Timer/PWM Module (S08TPMV3)
MC9S08SG8 MCU Series Data Sheet, Rev. 8
250
Freescale Semiconductor
Reset the TPM counter before writing to the TPM modulo registers to avoid confusion about when the first
counter overflow will occur.
16.3.4
TPM Channel n Status and Control Register (TPMxCnSC)
TPMxCnSC contains the channel-interrupt-status flag and control bits used to configure the interrupt
enable, channel configuration, and pin function.
76
54
32
1
0
R
Bit 7
6
54
321
Bit 0
W
Reset
0
00
00
0
00
76
54
32
1
0
RCHnF
CHnIE
MSnB
MSnA
ELSnB
ELSnA
00
W0
Reset
0
00
00
0
00
= Unimplemented or Reserved
Figure 16-12. TPM Channel n Status and Control Register (TPMxCnSC)
Table 16-8. TPMxCnSC Field Descriptions
Field
Description
7
CHnF
Channel n flag. When channel n is an input-capture channel, this read/write bit is set when an active edge occurs
on the channel n pin. When channel n is an output compare or edge-aligned/center-aligned PWM channel, CHnF
is set when the value in the TPM counter registers matches the value in the TPM channel n value registers. When
channel n is an edge-aligned/center-aligned PWM channel and the duty cycle is set to 0% or 100%, CHnF will not
be set even when the value in the TPM counter registers matches the value in the TPM channel n value registers.
A corresponding interrupt is requested when CHnF is set and interrupts are enabled (CHnIE = 1). Clear CHnF by
reading TPMxCnSC while CHnF is set and then writing a logic 0 to CHnF. If another interrupt request occurs
before the clearing sequence is complete, the sequence is reset so CHnF remains set after the clear sequence
completed for the earlier CHnF. This is done so a CHnF interrupt request cannot be lost due to clearing a previous
CHnF.
Reset clears the CHnF bit. Writing a logic 1 to CHnF has no effect.
0 No input capture or output compare event occurred on channel n
1 Input capture or output compare event on channel n
6
CHnIE
Channel n interrupt enable. This read/write bit enables interrupts from channel n. Reset clears CHnIE.
0 Channel n interrupt requests disabled (use for software polling)
1 Channel n interrupt requests enabled
5
MSnB
Mode select B for TPM channel n. When CPWMS=0, MSnB=1 configures TPM channel n for edge-aligned PWM
mode. Refer to the summary of channel mode and setup controls in Table 16-9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com