Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 244 Page - NXP Semiconductors

No de pièce HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 244 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 240Page - NXP Semiconductors HCS08 Datasheet HTML 241Page - NXP Semiconductors HCS08 Datasheet HTML 242Page - NXP Semiconductors HCS08 Datasheet HTML 243Page - NXP Semiconductors HCS08 Datasheet HTML 244Page - NXP Semiconductors HCS08 Datasheet HTML 245Page - NXP Semiconductors HCS08 Datasheet HTML 246Page - NXP Semiconductors HCS08 Datasheet HTML 247Page - NXP Semiconductors HCS08 Datasheet HTML 248Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 316 page
background image
Timer/PWM Module (S08TPMV3)
MC9S08SG8 MCU Series Data Sheet, Rev. 8
244
Freescale Semiconductor
16.2.1.1
EXTCLK — External Clock Source
Control bits in the timer status and control register allow the user to select nothing (timer disable), the
bus-rate clock (the normal default source), a crystal-related clock, or an external clock as the clock which
drives the TPM prescaler and subsequently the 16-bit TPM counter. The external clock source is
synchronized in the TPM. The bus clock clocks the synchronizer; the frequency of the external source must
be no more than one-fourth the frequency of the bus-rate clock, to meet Nyquist criteria and allowing for
jitter.
The external clock signal shares the same pin as a channel I/O pin, so the channel pin will not be usable
for channel I/O function when selected as the external clock source. It is the user’s responsibility to avoid
such settings. If this pin is used as an external clock source (CLKSB:CLKSA = 1:1), the channel can still
be used in output compare mode as a software timer (ELSnB:ELSnA = 0:0).
16.2.1.2
TPMxCHn — TPM Channel n I/O Pin(s)
Each TPM channel is associated with an I/O pin on the MCU. The function of this pin depends on the
channel configuration. The TPM pins share with general purpose I/O pins, where each pin has a port data
register bit, and a data direction control bit, and the port has optional passive pullups which may be enabled
whenever a port pin is acting as an input.
The TPM channel does not control the I/O pin when (ELSnB:ELSnA = 0:0) or when (CLKSB:CLKSA =
0:0) so it normally reverts to general purpose I/O control. When CPWMS = 1 (and ELSnB:ELSnA not =
0:0), all channels within the TPM are configured for center-aligned PWM and the TPMxCHn pins are all
controlled by the TPM system. When CPWMS=0, the MSnB:MSnA control bits determine whether the
channel is configured for input capture, output compare, or edge-aligned PWM.
When a channel is configured for input capture (CPWMS=0, MSnB:MSnA = 0:0 and ELSnB:ELSnA not
= 0:0), the TPMxCHn pin is forced to act as an edge-sensitive input to the TPM. ELSnB:ELSnA control
bits determine what polarity edge or edges will trigger input-capture events. A synchronizer based on the
bus clock is used to synchronize input edges to the bus clock. This implies the minimum pulse width—that
can be reliably detected—on an input capture pin is four bus clock periods (with ideal clock pulses as near
as two bus clocks can be detected). TPM uses this pin as an input capture input to override the port data
and data direction controls for the same pin.
When a channel is configured for output compare (CPWMS=0, MSnB:MSnA = 0:1 and ELSnB:ELSnA
not = 0:0), the associated data direction control is overridden, the TPMxCHn pin is considered an output
controlled by the TPM, and the ELSnB:ELSnA control bits determine how the pin is controlled. The
remaining three combinations of ELSnB:ELSnA determine whether the TPMxCHn pin is toggled, cleared,
or set each time the 16-bit channel value register matches the timer counter.
When the output compare toggle mode is initially selected, the previous value on the pin is driven out until
the next output compare event—then the pin is toggled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com