Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 240 Page - NXP Semiconductors

No de pièce HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 240 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 236Page - NXP Semiconductors HCS08 Datasheet HTML 237Page - NXP Semiconductors HCS08 Datasheet HTML 238Page - NXP Semiconductors HCS08 Datasheet HTML 239Page - NXP Semiconductors HCS08 Datasheet HTML 240Page - NXP Semiconductors HCS08 Datasheet HTML 241Page - NXP Semiconductors HCS08 Datasheet HTML 242Page - NXP Semiconductors HCS08 Datasheet HTML 243Page - NXP Semiconductors HCS08 Datasheet HTML 244Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 316 page
background image
Timer/PWM Module (S08TPMV3)
MC9S08SG8 MCU Series Data Sheet, Rev. 8
240
Freescale Semiconductor
16.1.5
Features
The TPM includes these distinctive features:
•
One to eight channels:
— Each channel may be input capture, output compare, or edge-aligned PWM
— Rising-Edge, falling-edge, or any-edge input capture trigger
— Set, clear, or toggle output compare action
— Selectable polarity on PWM outputs
•
Module may be configured for buffered, center-aligned pulse-width-modulation (CPWM) on all
channels
•
Timer clock source selectable as prescaled bus clock, fixed system clock, or an external clock pin
— Prescale taps for divide-by 1, 2, 4, 8, 16, 32, 64, or 128
— Fixed system clock source are synchronized to the bus clock by an on-chip synchronization
circuit
— External clock pin may be shared with any timer channel pin or a separated input pin
•
16-bit free-running or modulo up/down count operation
•
Timer system enable
•
One interrupt per channel plus terminal count interrupt
16.1.6
Modes of Operation
In general, TPM channels may be independently configured to operate in input capture, output compare,
or edge-aligned PWM modes. A control bit allows the whole TPM (all channels) to switch to
center-aligned PWM mode. When center-aligned PWM mode is selected, input capture, output compare,
and edge-aligned PWM functions are not available on any channels of this TPM module.
When the microcontroller is in active BDM background or BDM foreground mode, the TPM temporarily
suspends all counting until the microcontroller returns to normal user operating mode. During stop mode,
all system clocks, including the main oscillator, are stopped; therefore, the TPM is effectively disabled
until clocks resume. During wait mode, the TPM continues to operate normally. Provided the TPM does
not need to produce a real time reference or provide the interrupt source(s) needed to wake the MCU from
wait mode, the user can save power by disabling TPM functions before entering wait mode.
•
Input capture mode
When a selected edge event occurs on the associated MCU pin, the current value of the 16-bit timer
counter is captured into the channel value register and an interrupt flag bit is set. Rising edges,
falling edges, any edge, or no edge (disable channel) may be selected as the active edge which
triggers the input capture.
•
Output compare mode
When the value in the timer counter register matches the channel value register, an interrupt flag
bit is set, and a selected output action is forced on the associated MCU pin. The output compare
action may be selected to force the pin to zero, force the pin to one, toggle the pin, or ignore the
pin (used for software timing functions).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com