Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 237 Page - NXP Semiconductors

No de pièce HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 237 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 233Page - NXP Semiconductors HCS08 Datasheet HTML 234Page - NXP Semiconductors HCS08 Datasheet HTML 235Page - NXP Semiconductors HCS08 Datasheet HTML 236Page - NXP Semiconductors HCS08 Datasheet HTML 237Page - NXP Semiconductors HCS08 Datasheet HTML 238Page - NXP Semiconductors HCS08 Datasheet HTML 239Page - NXP Semiconductors HCS08 Datasheet HTML 240Page - NXP Semiconductors HCS08 Datasheet HTML 241Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 316 page
background image
Chapter 16 Timer Pulse-Width Modulator (S08TPMV3)
MC9S08SG8 MCU Series Data Sheet, Rev. 8
Freescale Semiconductor
237
Table 16-2. TPMV2 and TPMV3 Porting Considerations
Action
TPMV3
TPMV2
Write to TPMxCnTH:L registers1
Any write to TPMxCNTH or TPMxCNTL registers
Clears the TPM counter
(TPMxCNTH:L) and the
prescaler counter.
Clears the TPM counter
(TPMxCNTH:L) only.
Read of TPMxCNTH:L registers1
In BDM mode, any read of TPMxCNTH:L registers
Returns the value of the TPM
counter that is frozen.
If only one byte of the
TPMxCNTH:L registers was
read before the BDM mode
became active, returns the
latched value of TPMxCNTH:L
from the read buffer (instead of
the frozen TPM counter value).
In BDM mode, a write to TPMxSC, TPMxCNTH or TPMxCNTL Clears this read coherency
mechanism.
Does not clear this read
coherency mechanism.
Read of TPMxCnVH:L registers2
In BDM mode, any read of TPMxCnVH:L registers
Returns the value of the
TPMxCnVH:L register.
If only one byte of the
TPMxCnVH:L registers was
read before the BDM mode
became active, returns the
latched value of TPMxCNTH:L
from the read buffer (instead of
the value in the TPMxCnVH:L
registers).
In BDM mode, a write to TPMxCnSC
Clears this read coherency
mechanism.
Does not clear this read
coherency mechanism.
Write to TPMxCnVH:L registers
In Input Capture mode, writes to TPMxCnVH:L registers3
Not allowed.
Allowed.
In Output Compare mode, when (CLKSB:CLKSA not = 0:0),
writes to TPMxCnVH:L registers3
Update the TPMxCnVH:L
registers with the value of
their write buffer at the next
change of the TPM counter
(end of the prescaler
counting) after the second
byte is written.
Always update these registers
when their second byte is
written.
In Edge-Aligned PWM mode when (CLKSB:CLKSA not = 00),
writes to TPMxCnVH:L registers
Update the TPMxCnVH:L
registers with the value of
their write buffer after both
bytes were written and when
the TPM counter changes
from (TPMxMODH:L - 1) to
(TPMxMODH:L).
Note: If the TPM counter is a
free-running counter, then
this update is made when the
TPM counter changes from
0xFFFE to 0xFFFF.
Update after both bytes are
written and when the TPM
counter changes from
TPMxMODH:L to 0x0000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com