Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 238 Page - NXP Semiconductors

No de pièce HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 238 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 234Page - NXP Semiconductors HCS08 Datasheet HTML 235Page - NXP Semiconductors HCS08 Datasheet HTML 236Page - NXP Semiconductors HCS08 Datasheet HTML 237Page - NXP Semiconductors HCS08 Datasheet HTML 238Page - NXP Semiconductors HCS08 Datasheet HTML 239Page - NXP Semiconductors HCS08 Datasheet HTML 240Page - NXP Semiconductors HCS08 Datasheet HTML 241Page - NXP Semiconductors HCS08 Datasheet HTML 242Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 316 page
background image
Chapter 16 Timer Pulse-Width Modulator (S08TPMV3)
MC9S08SG8 MCU Series Data Sheet, Rev. 8
238
Freescale Semiconductor
16.1.4
Migrating from TPMV1
In addition to Section 16.1.3, “TPMV3 Differences from Previous Versions,” keep in mind the following
considerations when migrating from a device that uses TPMV1.
•
You can write to the Channel Value register (TPMxCnV) when the timer is not in input capture
mode for TPMV2, not TPMV3.
In Center-Aligned PWM mode when (CLKSB:CLKSA not =
00), writes to TPMxCnVH:L registers4
Update the TPMxCnVH:L
registers with the value of
their write buffer after both
bytes are written and when
the TPM counter changes
from (TPMxMODH:L - 1) to
(TPMxMODH:L).
Note: If the TPM counter is a
free-running counter, then
this update is made when the
TPM counter changes from
0xFFFE to 0xFFFF.
Update after both bytes are
written and when the TPM
counter changes from
TPMxMODH:L to
(TPMxMODH:L - 1).
Center-Aligned PWM
When TPMxCnVH:L = TPMxMODH:L5
Produces 100% duty cycle.
Produces 0% duty cycle.
When TPMxCnVH:L = (TPMxMODH:L - 1)6
Produces a near 100% duty
cycle.
Produces 0% duty cycle.
TPMxCnVH:L is changed from 0x0000 to a non-zero value7
Waits for the start of a new
PWM period to begin using
the new duty cycle setting.
Changes the channel output at
the middle of the current PWM
period (when the count
reaches 0x0000).
TPMxCnVH:L is changed from a non-zero value to 0x00008
Finishes the current PWM
period using the old duty
cycle setting.
Finishes the current PWM
period using the new duty
cycle setting.
Write to TPMxMODH:L registers in BDM mode
In BDM mode, a write to TPMxSC register
Clears the write coherency
mechanism of
TPMxMODH:L registers.
Does not clear the write
coherency mechanism.
1 For more information, refer to Section 16.3.2, “TPM-Counter Registers (TPMxCNTH:TPMxCNTL) .” [SE110-TPM case 7]
2 For more information, refer to Section 16.3.5, “TPM Channel Value Registers (TPMxCnVH:TPMxCnVL).”
3 For more information, refer to Section 16.4.2.1, “Input Capture Mode .”
4 For more information, refer to Section 16.4.2.4, “Center-Aligned PWM Mode.”
5 For more information, refer to Section 16.4.2.4, “Center-Aligned PWM Mode.” [SE110-TPM case 1]
6 For more information, refer to Section 16.4.2.4, “Center-Aligned PWM Mode.” [SE110-TPM case 2]
7 For more information, refer to Section 16.4.2.4, “Center-Aligned PWM Mode.” [SE110-TPM case 3 and 5]
8 For more information, refer to Section 16.4.2.4, “Center-Aligned PWM Mode.” [SE110-TPM case 4]
Table 16-2. TPMV2 and TPMV3 Porting Considerations (continued)
Action
TPMV3
TPMV2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com