Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 235 Page - NXP Semiconductors

No de pièce HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 235 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 231Page - NXP Semiconductors HCS08 Datasheet HTML 232Page - NXP Semiconductors HCS08 Datasheet HTML 233Page - NXP Semiconductors HCS08 Datasheet HTML 234Page - NXP Semiconductors HCS08 Datasheet HTML 235Page - NXP Semiconductors HCS08 Datasheet HTML 236Page - NXP Semiconductors HCS08 Datasheet HTML 237Page - NXP Semiconductors HCS08 Datasheet HTML 238Page - NXP Semiconductors HCS08 Datasheet HTML 239Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 316 page
background image
MC9S08SG8 MCU Series Data Sheet, Rev. 8
Freescale Semiconductor
235
Chapter 16
Timer Pulse-Width Modulator (S08TPMV3)
16.1
Introduction
The TPM uses one input/output (I/O) pin per channel, TPMxCHn where x is the TPM number (for
example, 1 or 2) and n is the channel number (for example, 0–1). The TPM shares its I/O pins with
general-purpose I/O port pins (refer to the Pins and Connections chapter for more information).
All MC9S08SG8 MCUs have two TPM modules. The number of channels available depends on the pin
quantity of the package, as shown in Table 16-1:
Figure 16-1 shows the MC9S08SG8 block diagram with the TPM modules highlighted.
16.1.1
ACMP/TPM Configuration Information
The ACMP module can be configured to connect the output of the analog comparator to TPM1 input
capture channel 0 by setting ACIC in SOPT2. With ACIC set, the TPM1CH0 pin is not available externally
regardless of the configuration of the TPM1 module for channel 0.
16.1.2
TPM Configuration Information
The external clock for the TPM modules, TPMCLK, is selected by setting CLKS[B:A] = 1:1 in TPMxSC,
which selects the TCLK pin input. The TCLK input on PTA5 can be enabled as external clock inputs to
both TPM modules and MTIM simultaneously.
Table 16-1. MC9S08SG8 Features by MCU and Package
Feature
MC9S08SG8/4
Pin quantity
20
16
8
TPM1 channels
2
2
11
1 The 8-pin device does not have TPM1CH1 or TPM2CH1
bonded out, but those timer channels are available to the
user to use as software compares.
TPM2 channels
2
2
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com