Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 110 Page - NXP Semiconductors

No de pièce HCS08
Description  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 110 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 106Page - NXP Semiconductors HCS08 Datasheet HTML 107Page - NXP Semiconductors HCS08 Datasheet HTML 108Page - NXP Semiconductors HCS08 Datasheet HTML 109Page - NXP Semiconductors HCS08 Datasheet HTML 110Page - NXP Semiconductors HCS08 Datasheet HTML 111Page - NXP Semiconductors HCS08 Datasheet HTML 112Page - NXP Semiconductors HCS08 Datasheet HTML 113Page - NXP Semiconductors HCS08 Datasheet HTML 114Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 374 page
background image
Chapter 7 Central Processor Unit (S08CPUV2)
MC9S08JM60 Series Data Sheet, Rev. 5
110
Freescale Semiconductor
BRA rel
Branch Always (if I = 1)
REL
20 rr
3
ppp
– – – – – –
BRCLR n,opr8a,rel
Branch if Bit n in Memory Clear (if (Mn) = 0)
DIR (b0)
DIR (b1)
DIR (b2)
DIR (b3)
DIR (b4)
DIR (b5)
DIR (b6)
DIR (b7)
01
03
05
07
09
0B
0D
0F
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
5
5
5
5
5
5
5
5
rpppp
rpppp
rpppp
rpppp
rpppp
rpppp
rpppp
rpppp
– – – – –
BRN rel
Branch Never (if I = 0)
REL
21 rr
3
ppp
– – – – – –
BRSET n,opr8a,rel
Branch if Bit n in Memory Set (if (Mn) = 1)
DIR (b0)
DIR (b1)
DIR (b2)
DIR (b3)
DIR (b4)
DIR (b5)
DIR (b6)
DIR (b7)
00
02
04
06
08
0A
0C
0E
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
5
5
5
5
5
5
5
5
rpppp
rpppp
rpppp
rpppp
rpppp
rpppp
rpppp
rpppp
– – – – –
BSET n,opr8a
Set Bit n in Memory (Mn
← 1)
DIR (b0)
DIR (b1)
DIR (b2)
DIR (b3)
DIR (b4)
DIR (b5)
DIR (b6)
DIR (b7)
10
12
14
16
18
1A
1C
1E
dd
dd
dd
dd
dd
dd
dd
dd
5
5
5
5
5
5
5
5
rfwpp
rfwpp
rfwpp
rfwpp
rfwpp
rfwpp
rfwpp
rfwpp
– – – – – –
BSR rel
Branch to Subroutine
PC
← (PC) + $0002
push (PCL); SP
← (SP) – $0001
push (PCH); SP
← (SP) – $0001
PC
← (PC) + rel
REL
AD rr
5
ssppp
– – – – – –
CBEQ opr8a,rel
CBEQA #opr8i,rel
CBEQX #opr8i,rel
CBEQ oprx8,X+,rel
CBEQ ,X+,rel
CBEQ oprx8,SP,rel
Compare and...
Branch if (A) = (M)
Branch if (A) = (M)
Branch if (X) = (M)
Branch if (A) = (M)
Branch if (A) = (M)
Branch if (A) = (M)
DIR
IMM
IMM
IX1+
IX+
SP1
31
41
51
61
71
9E 61
dd rr
ii rr
ii rr
ff rr
rr
ff rr
5
4
4
5
5
6
rpppp
pppp
pppp
rpppp
rfppp
prpppp
– – – – – –
CLC
Clear Carry Bit (C
← 0)
INH
98
1
p
– – – – – 0
CLI
Clear Interrupt Mask Bit (I
← 0)
INH
9A
1
p
– – 0 – – –
CLR opr8a
CLRA
CLRX
CLRH
CLR oprx8,X
CLR ,X
CLR oprx8,SP
Clear
M
← $00
A
← $00
X
← $00
H
← $00
M
← $00
M
← $00
M
← $00
DIR
INH
INH
INH
IX1
IX
SP1
3F
4F
5F
8C
6F
7F
9E 6F
dd
ff
ff
5
1
1
1
5
4
6
rfwpp
p
p
p
rfwpp
rfwp
prfwpp
0 – – 0 1 –
Table 7-2. . Instruction Set Summary (Sheet 3 of 9)
Source
Form
Operation
Object Code
Cyc-by-Cyc
Details
Affect
on CCR
VH I N Z C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com