| Moteur de recherche de fiches techniques de composants électroniques |
|
HCS08 Fiches technique(PDF) 214 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HCS08 Fiches technique(HTML) 214 Page - NXP Semiconductors |
|
214 / 374 page ![]() Real-Time Counter (S08RTCV1) MC9S08JM60 Series Data Sheet, Rev. 5 214 Freescale Semiconductor 13.1.3 Block Diagram The block diagram for the RTC module is shown in Figure 13-2. Figure 13-2. Real-Time Counter (RTC) Block Diagram 13.2 External Signal Description The RTC does not include any off-chip signals. 13.3 Register Definition The RTC includes a status and control register, an 8-bit counter register, and an 8-bit modulo register. Refer to the direct-page register summary in the memory section of this document for the absolute address assignments for all RTC registers.This section refers to registers and control bits only by their names and relative address offsets. Table 13-1 is a summary of RTC registers. Table 13-1. RTC Register Summary Name 7 6 5 4 32 10 RTCSC R RTIF RTCLKS RTIE RTCPS W RTCCNT R RTCCNT W RTCMOD R RTCMOD W Clock Source Select Prescaler Divide-By 8-Bit Counter (RTCCNT) 8-Bit Modulo (RTCMOD) 8-Bit Comparator RTIF RTIE Background VDD RTC Interrupt Request D Q R E LPO RTC Clock Mode ERCLK IRCLK RTCLKS Write 1 to RTIF RTCPS RTCLKS[0] |