| Moteur de recherche de fiches techniques de composants électroniques |
|
HCS08 Fiches technique(PDF) 179 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HCS08 Fiches technique(HTML) 179 Page - NXP Semiconductors |
|
179 / 374 page ![]() MC9S08JM60 Series Data Sheet, Rev. 5 Freescale Semiconductor 179 Chapter 12 Multi-Purpose Clock Generator (S08MCGV1) 12.1 Introduction The multi-purpose clock generator (MCG) module provides several clock source choices for the MCU. which contains a frequency-locked loop (FLL) and a phase-locked loop (PLL). The module can select either of the FLL or PLL clocks, or either of the internal or external reference clocks as a source for the MCU system clock. Whichever clock source is chosen, it is passed through a reduced bus divider which allows a lower output clock frequency to be derived. The MCG also controls an external oscillator (XOSC) for the use of a crystal or resonator as the external reference clock. For USB operation on the MC9S08JM60 series, the MCG must be configured for PLL engaged external (PEE) mode in order to achieve a MCGOUT frequency of 48 MHz |