Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 155 Page - NXP Semiconductors

No de pièce HCS08
Description  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 155 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 151Page - NXP Semiconductors HCS08 Datasheet HTML 152Page - NXP Semiconductors HCS08 Datasheet HTML 153Page - NXP Semiconductors HCS08 Datasheet HTML 154Page - NXP Semiconductors HCS08 Datasheet HTML 155Page - NXP Semiconductors HCS08 Datasheet HTML 156Page - NXP Semiconductors HCS08 Datasheet HTML 157Page - NXP Semiconductors HCS08 Datasheet HTML 158Page - NXP Semiconductors HCS08 Datasheet HTML 159Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 374 page
background image
Analog-to-Digital Converter (S08ADC12V1)
MC9S08JM60 Series Data Sheet, Rev. 5
Freescale Semiconductor
155
10.6.1.1
Analog Supply Pins
The ADC module has analog power and ground supplies (VDDAD and VSSAD) available as separate pins
on some devices. VSSAD is shared on the same pin as the MCU digital VSS on some devices. On other
devices, VSSAD and VDDAD are shared with the MCU digital supply pins. In these cases, there are separate
pads for the analog supplies bonded to the same pin as the corresponding digital supply so that some degree
of isolation between the supplies is maintained.
When available on a separate pin, both VDDAD and VSSAD must be connected to the same voltage potential
as their corresponding MCU digital supply (VDD and VSS) and must be routed carefully for maximum
noise immunity and bypass capacitors placed as near as possible to the package.
If separate power supplies are used for analog and digital power, the ground connection between these
supplies must be at the VSSAD pin. This should be the only ground connection between these supplies if
possible. The VSSAD pin makes a good single point ground location.
10.6.1.2
Analog Reference Pins
In addition to the analog supplies, the ADC module has connections for two reference voltage inputs. The
high reference is VREFH, which may be shared on the same pin as VDDAD on some devices. The low
reference is VREFL, which may be shared on the same pin as VSSAD on some devices.
When available on a separate pin, VREFH may be connected to the same potential as VDDAD, or may be
driven by an external source between the minimum VDDAD spec and the VDDAD potential (VREFH must
never exceed VDDAD). When available on a separate pin, VREFL must be connected to the same voltage
potential as VSSAD. VREFH and VREFL must be routed carefully for maximum noise immunity and bypass
capacitors placed as near as possible to the package.
AC current in the form of current spikes required to supply charge to the capacitor array at each successive
approximation step is drawn through the VREFH and VREFL loop. The best external component to meet this
current demand is a 0.1
μF capacitor with good high frequency characteristics. This capacitor is connected
between VREFH and VREFL and must be placed as near as possible to the package pins. Resistance in the
path is not recommended because the current causes a voltage drop that could result in conversion errors.
Inductance in this path must be minimum (parasitic only).
10.6.1.3
Analog Input Pins
The external analog inputs are typically shared with digital I/O pins on MCU devices. The pin I/O control
is disabled by setting the appropriate control bit in one of the pin control registers. Conversions can be
performed on inputs without the associated pin control register bit set. It is recommended that the pin
control register bit always be set when using a pin as an analog input. This avoids problems with contention
because the output buffer is in its high impedance state and the pullup is disabled. Also, the input buffer
draws DC current when its input is not at VDD or VSS. Setting the pin control register bits for all pins used
as analog inputs should be done to achieve lowest operating current.
Empirical data shows that capacitors on the analog inputs improve performance in the presence of noise
or when the source impedance is high. Use of 0.01
μF capacitors with good high-frequency characteristics
is sufficient. These capacitors are not necessary in all cases, but when used they must be placed as near as
possible to the package pins and be referenced to VSSA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com