Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM24 Fiches technique(PDF) 9 Page - Carlo Gavazzi Holding AG

No de pièce EM24
Description  Energy analyzer for three-phase systems
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Site Internet  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

EM24 Fiches technique(HTML) 9 Page - Carlo Gavazzi Holding AG

Back Button EM24 Datasheet HTML 5Page - Carlo Gavazzi Holding AG EM24 Datasheet HTML 6Page - Carlo Gavazzi Holding AG EM24 Datasheet HTML 7Page - Carlo Gavazzi Holding AG EM24 Datasheet HTML 8Page - Carlo Gavazzi Holding AG EM24 Datasheet HTML 9Page - Carlo Gavazzi Holding AG EM24 Datasheet HTML 10Page - Carlo Gavazzi Holding AG EM24 Datasheet HTML 11Page - Carlo Gavazzi Holding AG EM24 Datasheet HTML 12Page - Carlo Gavazzi Holding AG EM24 Datasheet HTML 13Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
9
Carlo Gavazzi Controls S.p.A.
EM24
EM24 DS ENG
18/11/2020
Measurement accuracy
Current
AV2
AV9
AV5
AV6
From 0.5 A to 2 A
±(0.5% rdg + 3dgt)
-
-
From 2 A to 65 A
±(0.5% rdg + 1dgt)
-
-
From 0.05 A to 1 A
-
-
±(0.5% rdg + 3dgt)
From 1 A to 10 A
-
-
±(0.5% rdg + 1dgt)
Phase-phase voltage
AV2
AV9
AV5
AV6
In the range Un
±(1% rdg +1dgt)
Phase-neutral voltage
AV2
AV9
AV5
AV6
In the range Un
±(0.5% rdg +1dgt)
Active and apparent power
AV2
AV9
AV5
AV6
From 1.0 A to 65.0 A (PF=0.5L,
1, 0.8C)
±(1% rdg +1dgt)
-
From 0.5 A to 1.0 A (PF=1)
±(1.5% rdg +1dgt)
-
From 0.25 A to 10 A (PF=0.5L,
1, 0.8C)
-
±(1% rdg +1dgt)
From 0.05 A to 0.25 A (PF=1)
-
±(1.5% rdg +1dgt)
Reactive power
AV2
AV9
AV5
AV6
From 1.0 A to 2.0 A (sinϕ=0.5L,
0.5C)
From 0.5 A to 1.0 A (sinϕ=1)
±(2.5% rdg + 1 dgt)
-
From 2.0 A to 65.0 A
(sinϕ=0.5L, 0.5C)
From 1.0 A to 65.0 A (sinϕ=1)
±(2% rdg + 1 dgt)
-
From 0.25 A to 0.5 A
(sinϕ=0.5L, 0.5C)
From 0.1 A to 0.25 A (sinϕ=1)
-
±(2.5% rdg + 1 dgt)
From 0.5 A to 10 A (sinϕ=0.5L,
0.5C)
From 0.25 A to 10 A (sinϕ=1)
-
±(2% rdg + 1 dgt)
Active energy
Class 1 (EN62053-21)
Class B (EN50470-3) (MID)
Reactive energy
Class 2 (EN62053-23)
Frequency
From 45 to 65 Hz
±0.1 Hz
Measurement accuracy according to IEC/EN61557-12 (MID models)
Active power
Performance class 1
Active energy
Performance class 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com