Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM24 Fiches technique(PDF) 8 Page - Carlo Gavazzi Holding AG

No de pièce EM24
Description  Energy analyzer for three-phase systems
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Site Internet  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

EM24 Fiches technique(HTML) 8 Page - Carlo Gavazzi Holding AG

Back Button EM24 Datasheet HTML 4Page - Carlo Gavazzi Holding AG EM24 Datasheet HTML 5Page - Carlo Gavazzi Holding AG EM24 Datasheet HTML 6Page - Carlo Gavazzi Holding AG EM24 Datasheet HTML 7Page - Carlo Gavazzi Holding AG EM24 Datasheet HTML 8Page - Carlo Gavazzi Holding AG EM24 Datasheet HTML 9Page - Carlo Gavazzi Holding AG EM24 Datasheet HTML 10Page - Carlo Gavazzi Holding AG EM24 Datasheet HTML 11Page - Carlo Gavazzi Holding AG EM24 Datasheet HTML 12Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
8
Carlo Gavazzi Controls S.p.A.
EM24
EM24 DS ENG
18/11/2020
Available measurements
Active energy
Unit
System
Phase
Note
Imported (+) Total
kWh+
Imported (+) partial
kWh+
-
Exported (-) Total
kWh-
-
Imported (+) by tariff (IS, DP)
kWh+
-
T1, T2, T3, T4
Reactive energy
Unit
System
Phase
Imported (+) Total
kvarh+
-
Imported (+) partial
kvarh+
-
Exported (-) Total
kvarh-
-
Imported (+) by tariff
kvarh+
-
Electrical variable
Unit
System
Phase
Voltage L-N
V
Voltage L-L
V
Current
A
-
DMD MAX
A
-
Active power
kW
DMD
kW
-
DMD MAX
kW
-
Apparent power
kVA
DMD
kVA
-
DMD MAX
kVA
-
Reactive power
kvar
Power factor
PF
Frequency
Hz
-
Run hour meter
h
-
Measurement mode
Depending on the APPLICATION setting, a different selection of variables is available on the display (see
manual) and the energy calculation is worked out as follows:
Standard: both kWh+ and kWh- are available;
EC: easy connection function, the power is always integrated (both in case of positive and negative power).
In MID analyzers the calculation depends on the model:
PFA: Easy connection, the total energy totalizer (kWh+) is certified according to MID;
PFB: only the total positive totalizer (kWh+) is certified according to MID. The negative energy totalizer is available but
not certified according to MID.
Energy metering
For every measuring interval time, the energies of the single phases are summed; according to the sign of the
result, the positive (kWh+) or negative totalizer (kWh-) is increased.
Example:
P L1= +2 kW, P L2= +2 kW, P L3= -3 kW
Integration time = 1 hour
+kWh=(+2+2-3)x1h=(+1)x1h=1 kWh
-kWh=0 kWh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com