Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM24 Fiches technique(PDF) 5 Page - Carlo Gavazzi Holding AG

No de pièce EM24
Description  Energy analyzer for three-phase systems
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Site Internet  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

EM24 Fiches technique(HTML) 5 Page - Carlo Gavazzi Holding AG

  EM24 Datasheet HTML 1Page - Carlo Gavazzi Holding AG EM24 Datasheet HTML 2Page - Carlo Gavazzi Holding AG EM24 Datasheet HTML 3Page - Carlo Gavazzi Holding AG EM24 Datasheet HTML 4Page - Carlo Gavazzi Holding AG EM24 Datasheet HTML 5Page - Carlo Gavazzi Holding AG EM24 Datasheet HTML 6Page - Carlo Gavazzi Holding AG EM24 Datasheet HTML 7Page - Carlo Gavazzi Holding AG EM24 Datasheet HTML 8Page - Carlo Gavazzi Holding AG EM24 Datasheet HTML 9Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5
Carlo Gavazzi Controls S.p.A.
EM24
EM24 DS ENG
18/11/2020
Environmental specifications
Operating temperature
From -25 to +55 °C/from -13 to +131 °F
Storage temperature
From -30 to +70 °C/from -22 to +158 °F
NOTE: R.H. < 90 % non-condensing @ 40 °C / 104 °F.
Input and output insulation
Type
Measuring
inputs
Relay
outputs
Open
collector
outputs
Communi-
cation port
and digital
inputs
Dupline
Ethernet
port
Self power
supply
Auxil-
iary power
supply
Measuring
inputs
-
4 kV
4 kV
4 kV
4 kV
4 kV
0 kV
4 kV
Relay out-
puts
4 kV
-
-
-
-
-
4 kV
4 kV
Open
collector
outputs
4 kV
-
-
-
-
-
4 kV
4 kV
Communi-
cation port
and digital
inputs
4 kV
-
-
-
-
-
4 kV
4 kV
Dupline
4 kV
-
-
-
-
-
4 kV
4 kV
Ethernet
port
4 kV
-
-
-
-
-
4 kV
-
Self power
supply
0 kV
4 kV
4 kV
4 kV
4 kV
4 kV
-
-
Auxiliary
power sup-
ply
4 kV
4 kV
4 kV
4 kV
4 kV
-
-
-
Compatibility and conformity
Directives
2011/65/EU (RoHs), 2014/53/EU (RED)
Standards
Electromagnetic compatibility (EMC) - emissions and immunity: EN 62052-11
Electrical safety: EN 61010-1, EN 50470-1 (MID), UL 61010-1
Accuracy: EN 62053-21, EN 62053-23, EN 50470-3 (MID), IEC/EN61557-12 (active
power and active energy, MID models only)
Pulse outputs: IEC 62053-31, DIN 43864
Approvals
(UL508: AV5 and AV6 except M2 and W1; UL61010-1: E1)
MID (PF only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com