Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM24 Fiches technique(PDF) 6 Page - Carlo Gavazzi Holding AG

No de pièce EM24
Description  Energy analyzer for three-phase systems
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Site Internet  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

EM24 Fiches technique(HTML) 6 Page - Carlo Gavazzi Holding AG

Back Button EM24 Datasheet HTML 2Page - Carlo Gavazzi Holding AG EM24 Datasheet HTML 3Page - Carlo Gavazzi Holding AG EM24 Datasheet HTML 4Page - Carlo Gavazzi Holding AG EM24 Datasheet HTML 5Page - Carlo Gavazzi Holding AG EM24 Datasheet HTML 6Page - Carlo Gavazzi Holding AG EM24 Datasheet HTML 7Page - Carlo Gavazzi Holding AG EM24 Datasheet HTML 8Page - Carlo Gavazzi Holding AG EM24 Datasheet HTML 9Page - Carlo Gavazzi Holding AG EM24 Datasheet HTML 10Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6
Carlo Gavazzi Controls S.p.A.
EM24
EM24 DS ENG
18/11/2020
Electrical specifications
Voltage - MID models
Voltage inputs
AV2
AV9
AV5
Voltage connection
Direct
Rated voltage L-N (from Un min to Un max)
133 to 230 V
230 V
230 V
Rated voltage L-L (from Un min to Un max)
230 to 400 V
400 V
400 V
Voltage tolerance (*)
-20%, +15%
Overload (**)
Continuous: 1.15 Un max
Input impedance
Refer to “Power supply”
Frequency
50 Hz
Voltage - Non MID models (according to IEC 62052-11)
Voltage inputs
AV2
AV9
AV5
AV6
Voltage connection
Direct
Direct or via VT
Rated voltage L-N (from Un
min to Un max)
All models except E1: 133 to 230 V
230 V
230 V
57.7 to 120V
Models: E1, W1
120 to 277 V
/
120 to 277 V
/
Rated voltage L-L (from Un
min to Un max)
All models except E1: 230 to 400 V
400 V
400 V
100 to 208 V
Models: E1, W1
208 to 480 V
/
208 to 480 V
/
Voltage tolerance (*)
-20%, +15%
Overload (**)
Continuous: 1.15 (Un
max)
Continuous: 1.2 (Un max)
Input impedance
Refer to “Power supply”
>1600 kΩ
Frequency
50/60 Hz
Voltage - Non MID models (according to UL)
Voltage inputs
AV2
AV9
AV5
AV6
Voltage connection
Direct
Direct or via VT
Rated voltage L-N
(from Un min to Un
max)
All models except E1,
M2, W1:
/
/
230 to 346 V
57.7 to 144 V
E1 model:
120 to 277 V
/
120 to 277 V
/
Rated voltage L-L
(from Un min to Un
max)
All models except E1,
M2, W1:
/
/
400 to 600 V
100 to 250 V
E1 model:
208 to 480 V
/
208 to 480 V
/
Voltage tolerance (*)
-20%, +15%
Overload (**)
Continuous: 1.15 (Un max)
Input impedance
Refer to “Power supply”
>1600 kΩ
Frequency
50/60 Hz
(*) reference range for stated accuracy
(**) max reference for no instrument damage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com