| Moteur de recherche de fiches techniques de composants électroniques |
|
AM6421 Fiches technique(PDF) 70 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM6421 Fiches technique(HTML) 70 Page - Texas Instruments |
|
70 / 237 page ![]() 6.3.12 EPWM 6.3.12.1 MAIN Domain Table 6-39. EPWM Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALV EHRPWM_SOCA O EHRPWM Start of Conversion A C17 EHRPWM_SOCB O EHRPWM Start of Conversion B D17 Table 6-40. EPWM0 Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALV EHRPWM0_A IO EHRPWM Output A U20 EHRPWM0_B IO EHRPWM Output B U18 EHRPWM0_SYNCI I Sync Input to EHRPWM module from an external pin T20 EHRPWM0_SYNCO O Sync Output to EHRPWM module to an external pin U21 EHRPWM_TZn_IN0 I EHRPWM Trip Zone Input 0 (active low) T18 Table 6-41. EPWM1 Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALV EHRPWM1_A IO EHRPWM Output A U19 EHRPWM1_B IO EHRPWM Output B V20 EHRPWM_TZn_IN1 I EHRPWM Trip Zone Input 1 (active low) V21 Table 6-42. EPWM2 Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALV EHRPWM2_A IO EHRPWM Output A V19 EHRPWM2_B IO EHRPWM Output B T17 EHRPWM_TZn_IN2 I EHRPWM Trip Zone Input 2 (active low) R16, R20 Table 6-43. EPWM3 Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALV EHRPWM3_A IO EHRPWM Output A V18 EHRPWM3_B IO EHRPWM Output B Y21 EHRPWM3_SYNCI I Sync Input to EHRPWM module from an external pin Y20 EHRPWM3_SYNCO O Sync Output to EHRPWM module to an external pin R17 EHRPWM_TZn_IN3 I EHRPWM Trip Zone Input 3 (active low) P16 Table 6-44. EPWM4 Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALV EHRPWM4_A IO EHRPWM Output A R18 EHRPWM4_B IO EHRPWM Output B T21 EHRPWM_TZn_IN4 I EHRPWM Trip Zone Input 4 (active low) P17, P19 Table 6-45. EPWM5 Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALV EHRPWM5_A IO EHRPWM Output A T19 EHRPWM5_B IO EHRPWM Output B W19 EHRPWM_TZn_IN5 I EHRPWM Trip Zone Input 5 (active low) R21, Y18 Table 6-46. EPWM6 Signal Descriptions SIGNAL NAME PIN TYPE DESCRIPTION ALV EHRPWM6_A IO EHRPWM Output A B14, N16 AM6442, AM6441, AM6421 AM6412, AM6411 SPRSP56 – JANUARY 2021 www.ti.com 70 Submit Document Feedback Copyright © 2021 Texas Instruments Incorporated Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411 |