Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM6421 Fiches technique(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
No de pièce AM6421
Description  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Fiches technique(HTML) 65 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 61Page - Texas Instruments AM6421 Datasheet HTML 62Page - Texas Instruments AM6421 Datasheet HTML 63Page - Texas Instruments AM6421 Datasheet HTML 64Page - Texas Instruments AM6421 Datasheet HTML 65Page - Texas Instruments AM6421 Datasheet HTML 66Page - Texas Instruments AM6421 Datasheet HTML 67Page - Texas Instruments AM6421 Datasheet HTML 68Page - Texas Instruments AM6421 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 237 page
background image
Table 6-18. MCSPI3 Signal Descriptions (continued)
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALV
SPI3_CS2
IO
SPI Chip Select 2
V12
SPI3_CS3
IO
SPI Chip Select 3
V15
SPI3_D0
IO
SPI Data 0
R6
SPI3_D1
IO
SPI Data 1
V4
Table 6-19. MCSPI4 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALV
SPI4_CLK
IO
SPI Clock
B16
SPI4_CS0
IO
SPI Chip Select 0
E16
SPI4_CS1
IO
SPI Chip Select 1
A17
SPI4_CS2
IO
SPI Chip Select 0
B17
SPI4_CS3
IO
SPI Chip Select 2
D18
SPI4_D0
IO
SPI Data 0
A16
SPI4_D1
IO
SPI Data 1
D16
6.3.6.2 MCU Domain
Table 6-20. MCU_MCSPI0 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALV
MCU_SPI0_CLK
IO
SPI Clock
E6
MCU_SPI0_CS0
IO
SPI Chip Select 0
D6
MCU_SPI0_CS1
IO
SPI Chip Select 1
C6
MCU_SPI0_CS2
IO
SPI Chip Select 2
D8
MCU_SPI0_CS3
IO
SPI Chip Select 3
B8
MCU_SPI0_D0
IO
SPI Data 0
E7
MCU_SPI0_D1
IO
SPI Data 1
B6
Table 6-21. MCU_MCSPI1 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALV
MCU_SPI1_CLK
IO
SPI Clock
D7
MCU_SPI1_CS0
IO
SPI Chip Select 0
A7
MCU_SPI1_CS1
IO
SPI Chip Select 1
B7
MCU_SPI1_CS2
IO
SPI Chip Select 2
E8
MCU_SPI1_CS3
IO
SPI Chip Select 3
B9
MCU_SPI1_D0
IO
SPI Data 0
C7
MCU_SPI1_D1
IO
SPI Data 1
C8
6.3.7 UART
6.3.7.1 MAIN Domain
Table 6-22. UART0 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALV
UART0_CTSn
I
UART Clear to Send (active low)
B16
UART0_DCDn
I
UART Data Carrier Detect (active low)
C17
UART0_DSRn
I
UART Data Set Ready (active low)
D17
UART0_DTRn
O
UART Data Terminal Ready (active low)
A17
UART0_RIn
I
UART Ring Indicator
B17
UART0_RTSn
O
UART Request to Send (active low)
A16
www.ti.com
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
65
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More