Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM6421 Fiches technique(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
No de pièce AM6421
Description  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Fiches technique(HTML) 69 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 65Page - Texas Instruments AM6421 Datasheet HTML 66Page - Texas Instruments AM6421 Datasheet HTML 67Page - Texas Instruments AM6421 Datasheet HTML 68Page - Texas Instruments AM6421 Datasheet HTML 69Page - Texas Instruments AM6421 Datasheet HTML 70Page - Texas Instruments AM6421 Datasheet HTML 71Page - Texas Instruments AM6421 Datasheet HTML 72Page - Texas Instruments AM6421 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 237 page
background image
6.3.10 ECAP
6.3.10.1 MAIN Domain
Table 6-33. ECAP0 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALV
ECAP0_IN_APWM_OUT
IO
Enhanced Capture (ECAP) Input or Auxiliary PWM
(APWM) Ouput
D18
Table 6-34. ECAP1 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALV
ECAP1_IN_APWM_OUT
IO
Enhanced Capture (ECAP) Input or Auxiliary PWM
(APWM) Ouput
C17
Table 6-35. ECAP2 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALV
ECAP2_IN_APWM_OUT
IO
Enhanced Capture (ECAP) Input or Auxiliary PWM
(APWM) Ouput
D17
6.3.11 EQEP
6.3.11.1 MAIN Domain
Table 6-36. EQEP0 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALV
EQEP0_A
I
EQEP Quadrature Input A
D15, N16, Y2
EQEP0_B
I
EQEP Quadrature Input B
C16, N17, W2
EQEP0_I
IO
EQEP Index
A16, R20, T6, Y5
EQEP0_S
IO
EQEP Strobe
B16, R19, V3
Table 6-37. EQEP1 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALV
EQEP1_A
I
EQEP Quadrature Input A
E15, T4, W20
EQEP1_B
I
EQEP Quadrature Input B
E14, W21, W3
EQEP1_I
IO
EQEP Index
E16, R21, U6, V6
EQEP1_S
IO
EQEP Strobe
D16, P19, P4
Table 6-38. EQEP2 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALV
EQEP2_A
I
EQEP Quadrature Input A
C17, R5
EQEP2_B
I
EQEP Quadrature Input B
D17, W5, Y4
EQEP2_I
IO
EQEP Index
A17, W4
EQEP2_S
IO
EQEP Strobe
B17, R1
www.ti.com
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
69
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More