Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM6421 Fiches technique(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
No de pièce AM6421
Description  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Fiches technique(HTML) 60 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 56Page - Texas Instruments AM6421 Datasheet HTML 57Page - Texas Instruments AM6421 Datasheet HTML 58Page - Texas Instruments AM6421 Datasheet HTML 59Page - Texas Instruments AM6421 Datasheet HTML 60Page - Texas Instruments AM6421 Datasheet HTML 61Page - Texas Instruments AM6421 Datasheet HTML 62Page - Texas Instruments AM6421 Datasheet HTML 63Page - Texas Instruments AM6421 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 237 page
background image
Table 6-4. GPIO0 Signal Descriptions (continued)
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALV
GPIO0_69
IO
General Purpose Input/Output
W12
GPIO0_70
IO
General Purpose Input/Output
AA13
GPIO0_71
IO
General Purpose Input/Output
U11
GPIO0_72
IO
General Purpose Input/Output
V15
GPIO0_73
IO
General Purpose Input/Output
U12
GPIO0_74
IO
General Purpose Input/Output
V14
GPIO0_75
IO
General Purpose Input/Output
W14
GPIO0_76
IO
General Purpose Input/Output
AA10
GPIO0_77
IO
General Purpose Input/Output
V10
GPIO0_78
IO
General Purpose Input/Output
U10
GPIO0_79
IO
General Purpose Input/Output
AA11
GPIO0_80
IO
General Purpose Input/Output
Y11
GPIO0_81
IO
General Purpose Input/Output
Y10
GPIO0_82
IO
General Purpose Input/Output
U18
GPIO0_83
IO
General Purpose Input/Output
U19
GPIO0_84
IO
General Purpose Input/Output
V12
GPIO0_85
IO
General Purpose Input/Output
AA6
GPIO0_86
IO
General Purpose Input/Output
Y6
Table 6-5. GPIO1 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALV
GPIO1_0
IO
General Purpose Input/Output
Y1
GPIO1_1
IO
General Purpose Input/Output
R4
GPIO1_2
IO
General Purpose Input/Output
U2
GPIO1_3
IO
General Purpose Input/Output
V2
GPIO1_4
IO
General Purpose Input/Output
AA2
GPIO1_5
IO
General Purpose Input/Output
R3
GPIO1_6
IO
General Purpose Input/Output
T3
GPIO1_7
IO
General Purpose Input/Output
T1
GPIO1_8
IO
General Purpose Input/Output
T2
GPIO1_9
IO
General Purpose Input/Output
W6
GPIO1_10
IO
General Purpose Input/Output
AA5
GPIO1_11
IO
General Purpose Input/Output
Y3
GPIO1_12
IO
General Purpose Input/Output
AA3
GPIO1_13
IO
General Purpose Input/Output
R6
GPIO1_14
IO
General Purpose Input/Output
V4
GPIO1_15
IO
General Purpose Input/Output
T5
GPIO1_16
IO
General Purpose Input/Output
U4
GPIO1_17
IO
General Purpose Input/Output
U1
GPIO1_18
IO
General Purpose Input/Output
V1
GPIO1_19
IO
General Purpose Input/Output
W1
GPIO1_20
IO
General Purpose Input/Output
Y2
GPIO1_21
IO
General Purpose Input/Output
W2
GPIO1_22
IO
General Purpose Input/Output
V3
GPIO1_23
IO
General Purpose Input/Output
T4
GPIO1_24
IO
General Purpose Input/Output
W3
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
www.ti.com
60
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More