Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM6421 Fiches technique(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
No de pièce AM6421
Description  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Fiches technique(HTML) 64 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 60Page - Texas Instruments AM6421 Datasheet HTML 61Page - Texas Instruments AM6421 Datasheet HTML 62Page - Texas Instruments AM6421 Datasheet HTML 63Page - Texas Instruments AM6421 Datasheet HTML 64Page - Texas Instruments AM6421 Datasheet HTML 65Page - Texas Instruments AM6421 Datasheet HTML 66Page - Texas Instruments AM6421 Datasheet HTML 67Page - Texas Instruments AM6421 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 237 page
background image
6.3.5 MCAN
6.3.5.1 MAIN Domain
Table 6-13. MCAN0 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALV
MCAN0_RX
I
MCAN Receive Data
B17
MCAN0_TX
O
MCAN Transmit Data
A17
Table 6-14. MCAN1 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALV
MCAN1_RX
I
MCAN Receive Data
D17
MCAN1_TX
O
MCAN Transmit Data
C17
6.3.6 MCSPI
6.3.6.1 MAIN Domain
Table 6-15. MCSPI0 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALV
SPI0_CLK
IO
SPI Clock
D13
SPI0_CS0
IO
SPI Chip Select 0
D12
SPI0_CS1
IO
SPI Chip Select 1
C13
SPI0_CS2
IO
SPI Chip Select 2
B16
SPI0_CS3
IO
SPI Chip Select 3
A16
SPI0_D0
IO
SPI Data 0
A13
SPI0_D1
IO
SPI Data 1
A14
Table 6-16. MCSPI1 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALV
SPI1_CLK
IO
SPI Clock
C14
SPI1_CS0
IO
SPI Chip Select 0
B14
SPI1_CS1
IO
SPI Chip Select 1
D14
SPI1_CS2
IO
SPI Chip Select 2
D16
SPI1_CS3
IO
SPI Chip Select 3
E16
SPI1_D0
IO
SPI Data 0
B15
SPI1_D1
IO
SPI Data 1
A15
Table 6-17. MCSPI2 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALV
SPI2_CLK
IO
SPI Clock
E14
SPI2_CS0
IO
SPI Chip Select 0
E15
SPI2_CS1
IO
SPI Chip Select 1
C18
SPI2_CS2
IO
SPI Chip Select 2
B19
SPI2_CS3
IO
SPI Chip Select 3
A19
SPI2_D0
IO
SPI Data 0
D15
SPI2_D1
IO
SPI Data 1
C16
Table 6-18. MCSPI3 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALV
SPI3_CLK
IO
SPI Clock
U4
SPI3_CS0
IO
SPI Chip Select 0
U1
SPI3_CS1
IO
SPI Chip Select 1
T5
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
www.ti.com
64
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More