Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM6421 Fiches technique(PDF) 62 Page - Texas Instruments

Click here to check the latest version.
No de pièce AM6421
Description  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Fiches technique(HTML) 62 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 58Page - Texas Instruments AM6421 Datasheet HTML 59Page - Texas Instruments AM6421 Datasheet HTML 60Page - Texas Instruments AM6421 Datasheet HTML 61Page - Texas Instruments AM6421 Datasheet HTML 62Page - Texas Instruments AM6421 Datasheet HTML 63Page - Texas Instruments AM6421 Datasheet HTML 64Page - Texas Instruments AM6421 Datasheet HTML 65Page - Texas Instruments AM6421 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 237 page
background image
Table 6-5. GPIO1 Signal Descriptions (continued)
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALV
GPIO1_70
IO
General Purpose Input/Output
C19
GPIO1_71
IO
General Purpose Input/Output
K18
GPIO1_72
IO
General Purpose Input/Output
K19
GPIO1_73
IO
General Purpose Input/Output
L21
GPIO1_74
IO
General Purpose Input/Output
K21
GPIO1_75
IO
General Purpose Input/Output
L20
GPIO1_76
IO
General Purpose Input/Output
J19
GPIO1_77
IO
General Purpose Input/Output
D19
GPIO1_78
IO
General Purpose Input/Output
C20
GPIO1_79
IO
General Purpose Input/Output
E19
6.3.3.2 MCU Domain
Table 6-6. MCU_GPIO0 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALV
MCU_GPIO0_0
IO
General Purpose Input/Output
E8
MCU_GPIO0_1
IO
General Purpose Input/Output
D8
MCU_GPIO0_2
IO
General Purpose Input/Output
A8
MCU_GPIO0_3
IO
General Purpose Input/Output
A9
MCU_GPIO0_4
IO
General Purpose Input/Output
B6
MCU_GPIO0_5
IO
General Purpose Input/Output
A7
MCU_GPIO0_6
IO
General Purpose Input/Output
B7
MCU_GPIO0_7
IO
General Purpose Input/Output
D7
MCU_GPIO0_8
IO
General Purpose Input/Output
C7
MCU_GPIO0_9
IO
General Purpose Input/Output
C8
MCU_GPIO0_10
IO
General Purpose Input/Output
E7
MCU_GPIO0_11
IO
General Purpose Input/Output
E6
MCU_GPIO0_12
IO
General Purpose Input/Output
C6
MCU_GPIO0_13
IO
General Purpose Input/Output
D6
MCU_GPIO0_14
IO
General Purpose Input/Output
C9
MCU_GPIO0_15
IO
General Purpose Input/Output
D9
MCU_GPIO0_16
IO
General Purpose Input/Output
B8
MCU_GPIO0_17
IO
General Purpose Input/Output
B9
MCU_GPIO0_18
IO
General Purpose Input/Output
E9
MCU_GPIO0_19
IO
General Purpose Input/Output
A10
MCU_GPIO0_20
IO
General Purpose Input/Output
A11
MCU_GPIO0_21
IO
General Purpose Input/Output
B10
MCU_GPIO0_22
IO
General Purpose Input/Output
B13
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
www.ti.com
62
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More