Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC24H Fiches technique(PDF) 154 Page - Microchip Technology

No de pièce PIC24H
Description  High-Performance, 16-bit Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24H Fiches technique(HTML) 154 Page - Microchip Technology

Back Button PIC24H Datasheet HTML 150Page - Microchip Technology PIC24H Datasheet HTML 151Page - Microchip Technology PIC24H Datasheet HTML 152Page - Microchip Technology PIC24H Datasheet HTML 153Page - Microchip Technology PIC24H Datasheet HTML 154Page - Microchip Technology PIC24H Datasheet HTML 155Page - Microchip Technology PIC24H Datasheet HTML 156Page - Microchip Technology PIC24H Datasheet HTML 157Page - Microchip Technology PIC24H Datasheet HTML 158Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 290 page
background image
PIC24H
DS70175D-page 154
Preliminary
© 2006 Microchip Technology Inc.
To set up the SPI module for the Slave mode of operation:
1.
Clear the SPIxBUF register.
2.
If using interrupts:
a)
Clear the SPIxIF bit in the respective IFSn
register.
b)
Set the SPIxIE bit in the respective IECn
register.
c)
Write the SPIxIP bits in the respective IPCn
register to set the interrupt priority.
3.
Write the desired settings to the SPIxCON1 and
SPIxCON2
registers
with
MSTEN
(SPIxCON1<5>) = 0.
4.
Clear the SMP bit.
5.
If the CKE bit is set, then the SSEN bit
(SPIxCON1<7>) must be set to enable the SSx
pin.
6.
Clear the SPIROV bit (SPIxSTAT<6>).
7.
Enable SPI operation by setting the SPIEN bit
(SPIxSTAT<15>).
The SPI module generates an interrupt indicating com-
pletion of a byte or word transfer, as well as a separate
interrupt for all SPI error conditions.
FIGURE 15-1:
SPI MODULE BLOCK DIAGRAM
Note:
Both SPI1 and SPI2 can trigger a DMA
data transfer. If SPI1 or SPI2 is selected
as the DMA IRQ source, a DMA transfer
occurs when the SPI1IF or SPI2IF bit gets
set as a result of an SPI1 or SPI2 byte or
word transfer.
Internal Data Bus
SDIx
SDOx
SSx
SCKx
SPIxSR
bit 0
Shift Control
Edge
Select
FCY
Primary
1:1/4/16/64
Enable
Prescaler
Sync
SPIxBUF
Control
Transfer
Transfer
Write SPIxBUF
Read SPIxBUF
16
SPIxCON1<1:0>
SPIxCON1<4:2>
Master Clock
Clock
Control
Secondary
Prescaler
1:1 to 1:8
SPIxRXB
SPIxTXB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com