Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC24H Fiches technique(PDF) 90 Page - Microchip Technology

No de pièce PIC24H
Description  High-Performance, 16-bit Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24H Fiches technique(HTML) 90 Page - Microchip Technology

Back Button PIC24H Datasheet HTML 86Page - Microchip Technology PIC24H Datasheet HTML 87Page - Microchip Technology PIC24H Datasheet HTML 88Page - Microchip Technology PIC24H Datasheet HTML 89Page - Microchip Technology PIC24H Datasheet HTML 90Page - Microchip Technology PIC24H Datasheet HTML 91Page - Microchip Technology PIC24H Datasheet HTML 92Page - Microchip Technology PIC24H Datasheet HTML 93Page - Microchip Technology PIC24H Datasheet HTML 94Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 290 page
background image
PIC24H
DS70175D-page 90
Preliminary
© 2006 Microchip Technology Inc.
REGISTER 6-13:
IEC3: INTERRUPT ENABLE CONTROL REGISTER 3
U-0
U-0
R/W-0
U-0
U-0
U-0
U-0
R/W-0
—
—DMA5IE
—
—
—
—C2IE
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
C2RXIE
INT4IE
INT3IE
T9IE
T8IE
MI2C2IE
SI2C2IE
T7IE
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-14
Unimplemented: Read as ‘0’
bit 13
DMA5IE: DMA Channel 5 Data Transfer Complete Interrupt Enable bit
1
= Interrupt request has occurred
0
= Interrupt request has not occurred
bit 12-9
Unimplemented: Read as ‘0’
bit 8
C2IE: ECAN2 Event Interrupt Enable bit
1
= Interrupt request has occurred
0
= Interrupt request has not occurred
bit 7
C2RXIE: ECAN2 Receive Data Ready Interrupt Enable bit
1
= Interrupt request has occurred
0
= Interrupt request has not occurred
bit 6
INT4IE: External Interrupt 4 Enable bit
1
= Interrupt request has occurred
0
= Interrupt request has not occurred
bit 5
INT3IE: External Interrupt 3 Enable bit
1
= Interrupt request has occurred
0
= Interrupt request has not occurred
bit 4
T9IE: Timer9 Interrupt Enable bit
1
= Interrupt request has occurred
0
= Interrupt request has not occurred
bit 3
T8IE: Timer8 Interrupt Enable bit
1
= Interrupt request has occurred
0
= Interrupt request has not occurred
bit 2
MI2C2IE: I2C2 Master Events Interrupt Enable bit
1
= Interrupt request has occurred
0
= Interrupt request has not occurred
bit 1
SI2C2IE: I2C2 Slave Events Interrupt Enable bit
1
= Interrupt request has occurred
0
= Interrupt request has not occurred
bit 0
T7IE: Timer7 Interrupt Enable bit
1
= Interrupt request has occurred
0
= Interrupt request has not occurred



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com