Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC24H Fiches technique(PDF) 71 Page - Microchip Technology

No de pièce PIC24H
Description  High-Performance, 16-bit Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24H Fiches technique(HTML) 71 Page - Microchip Technology

Back Button PIC24H Datasheet HTML 67Page - Microchip Technology PIC24H Datasheet HTML 68Page - Microchip Technology PIC24H Datasheet HTML 69Page - Microchip Technology PIC24H Datasheet HTML 70Page - Microchip Technology PIC24H Datasheet HTML 71Page - Microchip Technology PIC24H Datasheet HTML 72Page - Microchip Technology PIC24H Datasheet HTML 73Page - Microchip Technology PIC24H Datasheet HTML 74Page - Microchip Technology PIC24H Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 290 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS70175D-page 71
PIC24H
6.3
Interrupt Control and Status
Registers
PIC24H devices implement a total of 30 registers for
the interrupt controller:
• INTCON1
• INTCON2
• IFS0 through IFS4
• IEC0 through IEC4
• IPC0 through IPC17
•INTTREG
Global interrupt control functions are controlled from
INTCON1 and INTCON2. INTCON1 contains the Inter-
rupt Nesting Disable (NSTDIS) bit as well as the control
and status flags for the processor trap sources. The
INTCON2 register controls the external interrupt
request signal behavior and the use of the Alternate
Interrupt Vector Table.
The IFS registers maintain all of the interrupt request
flags. Each source of interrupt has a Status bit, which
is set by the respective peripherals or external signal
and is cleared via software.
The IEC registers maintain all of the interrupt enable
bits. These control bits are used to individually enable
interrupts from the peripherals or external signals.
The IPC registers are used to set the interrupt priority
level for each source of interrupt. Each user interrupt
source can be assigned to one of eight priority levels.
The INTTREG register contains the associated inter-
rupt vector number and the new CPU interrupt priority
level, which are latched into vector number (VEC-
NUM<6:0>) and Interrupt level (ILR<3:0>) bit fields in
the INTTREG register. The new interrupt priority level
is the priority of the pending interrupt.
The interrupt sources are assigned to the IFSx, IECx
and IPCx registers in the same sequence that they are
listed in Table 6-1. For example, the INT0 (External
Interrupt 0) is shown as having vector number 8 and a
natural order priority of 0. Thus, the INT0IF bit is found
in IFS0<0>, the INT0IE bit in IEC0<0>, and the INT0IP
bits in the first position of IPC0 (IPC0<2:0>).
Although they are not specifically part of the interrupt
control hardware, two of the CPU Control registers con-
tain bits that control interrupt functionality. The CPU
STATUS register, SR, contains the IPL<2:0> bits
(SR<7:5>). These bits indicate the current CPU inter-
rupt priority level. The user can change the current
CPU priority level by writing to the IPL bits.
The CORCON register contains the IPL3 bit which,
together with IPL<2:0>, also indicates the current CPU
priority level. IPL3 is a read-only bit so that trap events
cannot be masked by the user software.
All Interrupt registers are described in Register 6-1,
SR: CPU STATUS Register(1) through Register 6-32,
IPC17: Interrupt Priority Control Register 17, in the
following pages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com