Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC24H Fiches technique(PDF) 156 Page - Microchip Technology

No de pièce PIC24H
Description  High-Performance, 16-bit Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24H Fiches technique(HTML) 156 Page - Microchip Technology

Back Button PIC24H Datasheet HTML 152Page - Microchip Technology PIC24H Datasheet HTML 153Page - Microchip Technology PIC24H Datasheet HTML 154Page - Microchip Technology PIC24H Datasheet HTML 155Page - Microchip Technology PIC24H Datasheet HTML 156Page - Microchip Technology PIC24H Datasheet HTML 157Page - Microchip Technology PIC24H Datasheet HTML 158Page - Microchip Technology PIC24H Datasheet HTML 159Page - Microchip Technology PIC24H Datasheet HTML 160Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 290 page
background image
PIC24H
DS70175D-page 156
Preliminary
© 2006 Microchip Technology Inc.
FIGURE 15-5:
SPI SLAVE, FRAME MASTER CONNECTION DIAGRAM
FIGURE 15-6:
SPI SLAVE, FRAME SLAVE CONNECTION DIAGRAM
EQUATION 15-1:
RELATIONSHIP BETWEEN DEVICE AND SPI CLOCK SPEED
TABLE 15-1:
SAMPLE SCKx FREQUENCIES
FCY = 40 MHz
Secondary Prescaler Settings
1:1
2:1
4:1
6:1
8:1
Primary Prescaler Settings
1:1
Invalid
Invalid
10000
6666.67
5000
4:1
10000
5000
2500
1666.67
1250
16:1
2500
1250
625
416.67
312.50
64:1
625
312.5
156.25
104.17
78.125
FCY = 5 MHz
Primary Prescaler Settings
1:1
5000
2500
1250
833
625
4:1
1250
625
313
208
156
16:1
313
156
78
52
39
64:1
78392013
10
Note:
SCKx frequencies shown in kHz.
SDOx
SDIx
PIC24H
Serial Clock
SSx
SCKx
Frame Sync
Pulse
SDIx
SDOx
PROCESSOR 2
SSx
SCKx
(SPI Slave, Frame Slave)
SDOx
SDIx
PIC24H
Serial Clock
SSx
SCKx
Frame Sync
Pulse
SDIx
SDOx
PROCESSOR 2
SSx
SCKx
(SPI Master, Frame Slave)
Primary Prescaler * Secondary Prescaler
FCY
FSCK =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com