Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC24H Fiches technique(PDF) 151 Page - Microchip Technology

No de pièce PIC24H
Description  High-Performance, 16-bit Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24H Fiches technique(HTML) 151 Page - Microchip Technology

Back Button PIC24H Datasheet HTML 147Page - Microchip Technology PIC24H Datasheet HTML 148Page - Microchip Technology PIC24H Datasheet HTML 149Page - Microchip Technology PIC24H Datasheet HTML 150Page - Microchip Technology PIC24H Datasheet HTML 151Page - Microchip Technology PIC24H Datasheet HTML 152Page - Microchip Technology PIC24H Datasheet HTML 153Page - Microchip Technology PIC24H Datasheet HTML 154Page - Microchip Technology PIC24H Datasheet HTML 155Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 290 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS70175D-page 151
PIC24H
TABLE 14-1:
EXAMPLE PWM FREQUENCIES AND RESOLUTIONS AT 4 MIPS (FCY = 4 MHz)
TABLE 14-2:
EXAMPLE PWM FREQUENCIES AND RESOLUTIONS AT 16 MIPS (FCY = 16 MHz)
TABLE 14-3:
EXAMPLE PWM FREQUENCIES AND RESOLUTIONS AT 40 MIPS (FCY = 40 MHz)
FIGURE 14-1:
OUTPUT COMPARE MODULE BLOCK DIAGRAM
PWM Frequency
7.6 Hz
61 Hz
122 Hz
977 Hz
3.9 kHz
31.3 kHz
125 kHz
Timer Prescaler Ratio
8
1
111
11
Period Register Value
FFFFh
FFFFh
7FFFh
0FFFh
03FFh
007Fh
001Fh
Resolution (bits)
16
16
15
12
10
7
5
PWM Frequency
30.5 Hz
244 Hz
488 Hz
3.9 kHz
15.6 kHz
125 kHz
500 kHz
Timer Prescaler Ratio
8
1
111
11
Period Register Value
FFFFh
FFFFh
7FFFh
0FFFh
03FFh
007Fh
001Fh
Resolution (bits)
16
16
15
12
10
7
5
PWM Frequency
76 Hz
610 Hz
1.22 Hz
9.77 kHz
39 kHz
313 kHz
1.25 MHz
Timer Prescaler Ratio
8
1
111
11
Period Register Value
FFFFh
FFFFh
7FFFh
0FFFh
03FFh
007Fh
001Fh
Resolution (bits)
16
16
15
12
10
7
5
Note:
Only OC1 and OC2 can trigger a DMA data transfer.
OCxR(1)
Comparator
Output
Logic
OCM2:OCM0
Output Enable
OCx(1)
Set Flag bit
OCxIF(1)
OCxRS(1)
Mode Select
3
Note 1:
Where ‘x’ is shown, reference is made to the registers associated with the respective output compare channels
1 through 8.
2: OCFA pin controls OC1-OC4 channels. OCFB pin controls OC5-OC8 channels.
3: Each output compare channel can use one of two selectable time bases. Refer to the device data sheet for the
time bases associated with the module.
OCTSEL
0
1
16
16
OCFA or OCFB(2)
TMR register inputs
from time bases(3)
Period match signals
from time bases(3)
0
1
Q
S
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com