Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC24H Fiches technique(PDF) 131 Page - Microchip Technology

No de pièce PIC24H
Description  High-Performance, 16-bit Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24H Fiches technique(HTML) 131 Page - Microchip Technology

Back Button PIC24H Datasheet HTML 127Page - Microchip Technology PIC24H Datasheet HTML 128Page - Microchip Technology PIC24H Datasheet HTML 129Page - Microchip Technology PIC24H Datasheet HTML 130Page - Microchip Technology PIC24H Datasheet HTML 131Page - Microchip Technology PIC24H Datasheet HTML 132Page - Microchip Technology PIC24H Datasheet HTML 133Page - Microchip Technology PIC24H Datasheet HTML 134Page - Microchip Technology PIC24H Datasheet HTML 135Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 290 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS70175D-page 131
PIC24H
REGISTER 8-2:
CLKDIV: CLOCK DIVISOR REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-1
R/W-0
R/W-0
ROI
DOZE<2:0>
DOZEN(1)
FRCDIV<2:0>
bit 15
bit 8
R/W-0
R/W-1
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
PLLPOST<1:0>
—
PLLPRE<4:0>
bit 7
bit 0
Legend:
y = Value set from Configuration bits on POR
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
ROI: Recover on Interrupt bit
1
= Interrupts will clear the DOZEN bit and the processor clock/peripheral clock ratio is set to 1:1
0
= Interrupts have no effect on the DOZEN bit
bit 14-12
DOZE<2:0>: Processor Clock Reduction Select bits
000
= FCY/1 (default)
001
= FCY/2
010
= FCY/4
011
= FCY/8
100
= FCY/16
101
= FCY/32
110
= FCY/64
111
= FCY/128
bit 11
DOZEN: DOZE Mode Enable bit(1)
1
= DOZE<2:0> field specifies the ratio between the peripheral clocks and the processor clocks
0
= Processor clock/peripheral clock ratio forced to 1:1
bit 10-8
FRCDIV<2:0>: Internal Fast RC Oscillator Postscaler bits
000
= FRC divide by 1
001
= FRC divide by 2
010
= FRC divide by 4
011
= FRC divide by 8 (default)
100
= FRC divide by 16
101
= FRC divide by 32
110
= FRC divide by 64
111
= FRC divide by 256
bit 7-6
PLLPOST<1:0>: PLL VCO Output Divider Select bits (also denoted as ‘N2’, PLL postscaler)
00
= Output/2
01
= Output/4
10
= Reserved (defaults to output/4)
11
= Output/8
bit 5
Unimplemented: Read as ‘0’
bit 4-0
PLLPRE<4:0>: PLL Phase Detector Input Divider bits (also denoted as ‘N1’, PLL prescaler)
00000
= Input/2
00001
= Input/3
• • •
11111
= Input/33
Note 1:
This bit is cleared when the ROI bit is set and an interrupt occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com