Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC24H Fiches technique(PDF) 129 Page - Microchip Technology

No de pièce PIC24H
Description  High-Performance, 16-bit Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24H Fiches technique(HTML) 129 Page - Microchip Technology

Back Button PIC24H Datasheet HTML 125Page - Microchip Technology PIC24H Datasheet HTML 126Page - Microchip Technology PIC24H Datasheet HTML 127Page - Microchip Technology PIC24H Datasheet HTML 128Page - Microchip Technology PIC24H Datasheet HTML 129Page - Microchip Technology PIC24H Datasheet HTML 130Page - Microchip Technology PIC24H Datasheet HTML 131Page - Microchip Technology PIC24H Datasheet HTML 132Page - Microchip Technology PIC24H Datasheet HTML 133Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 290 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS70175D-page 129
PIC24H
For example, suppose a 10 MHz crystal is being used,
with “XT with PLL” being the selected oscillator mode.
If PLLPRE<4:0> = 0, then N1 = 2. This yields a VCO
input of 10/2 = 5 MHz, which is within the acceptable
range of 0.8-8 MHz. If PLLDIV<8:0> = 0x1E, then
M = 32. This yields a VCO output of 5 x 32 = 160 MHz,
which is within the 100-200 MHz ranged needed.
If PLLPOST<1:0> = 0, then N2 = 2. This provides a
Fosc of 160/2 = 80 MHz. The resultant device operating
speed is 80/2 = 40 MIPS.
EQUATION 8-3:
XT WITH PLL MODE
EXAMPLE
FIGURE 8-2:
PIC24H PLL BLOCK DIAGRAM
TABLE 8-1:
CONFIGURATION BIT VALUES FOR CLOCK SELECTION
FCY =
FOSC
=
1 (10000000*32) = 40 MIPS
2
2
2*2
Oscillator Mode
Oscillator Source
POSCMD<1:0>
FNOSC<2:0>
Note
Fast RC Oscillator with Divide-by-N
(FRCDIVN)
Internal
11
111
1, 2
Fast RC Oscillator with Divide-by-16
(FRCDIV16)
Internal
11
110
1
Low-Power RC Oscillator (LPRC)
Internal
11
101
1
Secondary (Timer1) Oscillator (SOSC)
Secondary
11
100
1
Primary Oscillator (HS) with PLL
(HSPLL)
Primary
10
011
Primary Oscillator (XT) with PLL
(XTPLL)
Primary
01
011
Primary Oscillator (EC) with PLL
(ECPLL)
Primary
00
011
1
Primary Oscillator (HS)
Primary
10
010
Primary Oscillator (XT)
Primary
01
010
Primary Oscillator (EC)
Primary
00
010
1
Fast RC Oscillator with PLL (FRCPLL)
Internal
11
001
1
Fast RC Oscillator (FRC)
Internal
11
000
1
Note 1:
OSC2 pin function is determined by the OSCIOFNC Configuration bit.
2:
This is the default oscillator mode for an unprogrammed (erased) device.
0.8-8.0 MHz
Here
100-200 MHz
Here
Divide by
2, 4, 8
Divide by
2-513
Divide by
2-33
1.6-16.0 MHz
Source (Crystal, External
PLLPRE
X
VCO
PLLDIV
PLLPOST
Clock or Internal RC)
Here
FOSC
12.5-80 MHz
Here



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com