Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC24H Fiches technique(PDF) 134 Page - Microchip Technology

No de pièce PIC24H
Description  High-Performance, 16-bit Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24H Fiches technique(HTML) 134 Page - Microchip Technology

Back Button PIC24H Datasheet HTML 130Page - Microchip Technology PIC24H Datasheet HTML 131Page - Microchip Technology PIC24H Datasheet HTML 132Page - Microchip Technology PIC24H Datasheet HTML 133Page - Microchip Technology PIC24H Datasheet HTML 134Page - Microchip Technology PIC24H Datasheet HTML 135Page - Microchip Technology PIC24H Datasheet HTML 136Page - Microchip Technology PIC24H Datasheet HTML 137Page - Microchip Technology PIC24H Datasheet HTML 138Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 290 page
background image
PIC24H
DS70175D-page 134
Preliminary
© 2006 Microchip Technology Inc.
8.2
Clock Switching Operation
Applications are free to switch between any of the four
clock sources (Primary, LP, FRC and LPRC) under
software control at any time. To limit the possible side
effects that could result from this flexibility, PIC24H
devices have a safeguard lock built into the switch
process.
8.2.1
ENABLING CLOCK SWITCHING
To enable clock switching, the FCKSM1 Configuration
bit in the Configuration register must be programmed to
‘0’. (Refer to Section 20.1 “Configuration Bits” for
further details.) If the FCKSM1 Configuration bit is
unprogrammed (‘1’), the clock switching function and
Fail-Safe Clock Monitor function are disabled. This is
the default setting.
The NOSC control bits (OSCCON<10:8>) do not
control the clock selection when clock switching is
disabled. However, the COSC bits (OSCCON<14:12>)
reflect the clock source selected by the FNOSC
Configuration bits.
The OSWEN control bit (OSCCON<0>) has no effect
when clock switching is disabled. It is held at ‘0’ at all
times.
8.2.2
OSCILLATOR SWITCHING
SEQUENCE
At a minimum, performing a clock switch requires this
basic sequence:
1.
If
desired,
read
the
COSC
bits
(OSCCON<14:12>) to determine the current
oscillator source.
2.
Perform the unlock sequence to allow a write to
the OSCCON register high byte.
3.
Write the appropriate value to the NOSC control
bits (OSCCON<10:8>) for the new oscillator
source.
4.
Perform the unlock sequence to allow a write to
the OSCCON register low byte.
5.
Set the OSWEN bit to initiate the oscillator
switch.
Once the basic sequence is completed, the system
clock hardware responds automatically as follows:
1.
The clock switching hardware compares the
COSC status bits with the new value of the
NOSC control bits. If they are the same, then the
clock switch is a redundant operation. In this
case, the OSWEN bit is cleared automatically
and the clock switch is aborted.
2.
If a valid clock switch has been initiated, the
LOCK
(OSCCON<5>)
and
the
CF
(OSCCON<3>) status bits are cleared.
3.
The new oscillator is turned on by the hardware
if it is not currently running. If a crystal oscillator
must be turned on, the hardware waits until the
Oscillator Start-up Timer (OST) expires. If the
new source is using the PLL, the hardware waits
until a PLL lock is detected (LOCK = 1).
4.
The hardware waits for 10 clock cycles from the
new clock source and then performs the clock
switch.
5.
The hardware clears the OSWEN bit to indicate a
successful clock transition. In addition, the NOSC
bit values are transferred to the COSC status bits.
6.
The old clock source is turned off at this time,
with the exception of LPRC (if WDT or FSCM
are enabled) or LP (if LPOSCEN remains set).
8.3
Fail-Safe Clock Monitor (FSCM)
The Fail-Safe Clock Monitor (FSCM) allows the device
to continue to operate even in the event of an oscillator
failure. The FSCM function is enabled by programming.
If the FSCM function is enabled, the LPRC internal
oscillator runs at all times (except during Sleep mode)
and is not subject to control by the Watchdog Timer.
If an oscillator failure occurs, the FSCM generates a
clock failure trap event and switches the system clock
over to the FRC oscillator. Then the application
program can either attempt to restart the oscillator or
execute a controlled shutdown. The trap can be treated
as a warm Reset by simply loading the Reset address
into the oscillator fail trap vector.
If the PLL multiplier is used to scale the system clock,
the internal FRC is also multiplied by the same factor
on clock failure. Essentially, the device switches to
FRC with PLL on a clock failure.
Note:
Primary Oscillator mode has three different
submodes (XT, HS and EC) which are
determined by the POSCMD<1:0> Config-
uration bits. While an application can
switch to and from Primary Oscillator
mode
in
software,
it
cannot
switch
between the different primary submodes
without reprogramming the device.
Note 1: The processor continues to execute code
throughout the clock switching sequence.
Timing sensitive code should not be
executed during this time.
2: Direct clock switches between any primary
oscillator mode with PLL and FRCPLL
mode are not permitted. This applies to
clock switches in either direction. In these
instances, the application must switch to
FRC mode as a transition clock source
between the two PLL modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com