Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STV9936S Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce STV9936S
Description  120-MHz On-Screen Display for Monitors with 4 True Independent Window Displays
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9936S Fiches technique(HTML) 5 Page - STMicroelectronics

  STV9936S Datasheet HTML 1Page - STMicroelectronics STV9936S Datasheet HTML 2Page - STMicroelectronics STV9936S Datasheet HTML 3Page - STMicroelectronics STV9936S Datasheet HTML 4Page - STMicroelectronics STV9936S Datasheet HTML 5Page - STMicroelectronics STV9936S Datasheet HTML 6Page - STMicroelectronics STV9936S Datasheet HTML 7Page - STMicroelectronics STV9936S Datasheet HTML 8Page - STMicroelectronics STV9936S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
5/48
STV9936P/S
General Description
1
General Description
The STV9936 is a new On-Screen Display (OSD) device with multiple menu displays for monitor
applications.
In addition to the standard features of an OSD, the special features of the STV9936 are listed below:
q
Simultaneous display of up to 4 menus anywhere on the screen. Each of the 4 independent
windows, all displaying characters, can be overlapped and display priorities are automatically
controlled. Window sizes and positions are independently programmable as well as scrolling
menu effects.
q
Programming of the general OSD and of the 4 windows is controlled by an I²C bus in Read and
Write modes, to suit the various CRT displays.
q
Associated with an easily programmable character height, the internal PLL generates the
programmable pixel clock, without using a crystal oscillator, that defines the character width
making the device suitable for multi-sync applications.
q
A maximum of 704 characters, defined in the mask-programmable ROM, are distributed among
the 4 windows and displayed simultaneously.
Figure 1: Multi-window Concept with Character Display
The STV9936 introduces a new “Multi Windows”
concept allowing you to display and program up to
4 color-boxes independently, with overlapping and
priority management.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48