Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STV9936S Fiches technique(PDF) 25 Page - STMicroelectronics

No de pièce STV9936S
Description  120-MHz On-Screen Display for Monitors with 4 True Independent Window Displays
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9936S Fiches technique(HTML) 25 Page - STMicroelectronics

Back Button STV9936S Datasheet HTML 21Page - STMicroelectronics STV9936S Datasheet HTML 22Page - STMicroelectronics STV9936S Datasheet HTML 23Page - STMicroelectronics STV9936S Datasheet HTML 24Page - STMicroelectronics STV9936S Datasheet HTML 25Page - STMicroelectronics STV9936S Datasheet HTML 26Page - STMicroelectronics STV9936S Datasheet HTML 27Page - STMicroelectronics STV9936S Datasheet HTML 28Page - STMicroelectronics STV9936S Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
25/48
STV9936P/S
Character Specifications
4.8
Character Font
Figure 10 shows the available character font stored in ROM. For more information concerning the
display of mono- or multi-color characters, refer to Section 4.6: Multicolor Characters.
Figure 10: /AA Character Fonts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48