Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

APX9292 Fiches technique(PDF) 4 Page - Anpec Electronics Coropration

No de pièce APX9292
Description  Single-Phase Full-Wave Motor Driver for Fan Motor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANPEC [Anpec Electronics Coropration]
Site Internet  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9292 Fiches technique(HTML) 4 Page - Anpec Electronics Coropration

  APX9292 Datasheet HTML 1Page - Anpec Electronics Coropration APX9292 Datasheet HTML 2Page - Anpec Electronics Coropration APX9292 Datasheet HTML 3Page - Anpec Electronics Coropration APX9292 Datasheet HTML 4Page - Anpec Electronics Coropration APX9292 Datasheet HTML 5Page - Anpec Electronics Coropration APX9292 Datasheet HTML 6Page - Anpec Electronics Coropration APX9292 Datasheet HTML 7Page - Anpec Electronics Coropration APX9292 Datasheet HTML 8Page - Anpec Electronics Coropration APX9292 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Apr., 2017
www.anpec.com.tw
4
APX9292
Typical Operating Characteristics
VCC Supply Current vs. VCC Supply
Voltage
VCC Supply Voltage(V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0 1 2 3 45 6 7 8 9 10 11 12 13 14 15 16
Rotation Mode
VCC Supply Voltage(V)
VCC Supply Current vs. VCC Supply
Voltage
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
Lock Protection Mode
VCC Supply Voltage(V)
CT Charge/Discharge Current vs.
VCC Supply Voltage
Discharge Current
Charge Current
0
0.5
1
1.5
2
2.5
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
Output Saturation Voltage vs.
Output Current
Output Current(mA)
0
0.2
0.4
0.6
0.8
1
1.2
0
100 200 300 400 500 600 700 800 900
Upper Side
Lower Side
VCC = 12V
FG Pin Low Voltage vs. Sink Current
FG Pin Sink Current(mA)
0
0.05
0.1
0.15
0.2
0.25
0.3
0
5
10
15
20
25
VCC = 12V
VCC = 3.5V
6VREG Voltage vs.
VCC Supply Voltage
VCC Supply Voltage(V)
0
1
2
3
4
5
6
7
0 1 2 3
4 5 6 7 8 9 10 11 12 13 14 15 16
I6VREG = 5mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com