Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

APX9292 Fiches technique(PDF) 6 Page - Anpec Electronics Coropration

No de pièce APX9292
Description  Single-Phase Full-Wave Motor Driver for Fan Motor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANPEC [Anpec Electronics Coropration]
Site Internet  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9292 Fiches technique(HTML) 6 Page - Anpec Electronics Coropration

Back Button APX9292 Datasheet HTML 2Page - Anpec Electronics Coropration APX9292 Datasheet HTML 3Page - Anpec Electronics Coropration APX9292 Datasheet HTML 4Page - Anpec Electronics Coropration APX9292 Datasheet HTML 5Page - Anpec Electronics Coropration APX9292 Datasheet HTML 6Page - Anpec Electronics Coropration APX9292 Datasheet HTML 7Page - Anpec Electronics Coropration APX9292 Datasheet HTML 8Page - Anpec Electronics Coropration APX9292 Datasheet HTML 9Page - Anpec Electronics Coropration APX9292 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Apr., 2017
www.anpec.com.tw
6
APX9292
PIN
NO.
NAME
FUNCTION
1
OUT2
H-bridge Output Connection.
2
VCC
Supply Voltage Input Pin.
3
MIN
Minimum Speed Setting. An external voltage into MIN pin to set fan speed.
4
SET
Speed Setting. An external voltage into SET pin to set fan speed.
5
OSC
Oscillation Frequency Setting. Connect a capacitor to GND to set oscillation frequency.
6
FG
Rotation Speed Output. This is an open
–drain output.
7
NC
No Connection.
8
IN+
Hall Input +. Connect to hall element positive output.
9
HB
Hall Bias. This is a 1.3V constant
–voltage output for hall element bias.
10
IN-
Hall Input -. Connect to hall element negative output.
11
6VREG
6V Regulator Output. This is a 6V constant-voltage output for application circuit biases.
12
CT
Shutdown Time and Restart Time Setting. Connect a capacitor to GND to set shutdown
time and restart time in lock mode.
13
SGND
Control Stage GND.
14
OUT1
H-bridge Output Connection.
Pin Descriptions
Note : PGND pads are power ground of driver circuit. Please connect to input power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com