Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

APX9292 Fiches technique(PDF) 1 Page - Anpec Electronics Coropration

No de pièce APX9292
Description  Single-Phase Full-Wave Motor Driver for Fan Motor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANPEC [Anpec Electronics Coropration]
Site Internet  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9292 Fiches technique(HTML) 1 Page - Anpec Electronics Coropration

  APX9292 Datasheet HTML 1Page - Anpec Electronics Coropration APX9292 Datasheet HTML 2Page - Anpec Electronics Coropration APX9292 Datasheet HTML 3Page - Anpec Electronics Coropration APX9292 Datasheet HTML 4Page - Anpec Electronics Coropration APX9292 Datasheet HTML 5Page - Anpec Electronics Coropration APX9292 Datasheet HTML 6Page - Anpec Electronics Coropration APX9292 Datasheet HTML 7Page - Anpec Electronics Coropration APX9292 Datasheet HTML 8Page - Anpec Electronics Coropration APX9292 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Single-Phase Full-Wave Motor Driver for Fan Motor
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Apr., 2017
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise customers to obtain
the latest version of relevant information to verify before placing orders.
APX9292
Features
General Description
The APX9292 is a single phase full wave DC brushless
motor driver with PWM variable speed control and cur-
rent limit features suitable for the fan of personal
computer
’s power supply and CPU cooler. The device
is built-in lock protection. When fan is locked, the de-
vice will enter the lockup protection mode. It is also
with rotation detection output and thermal shutdown
function. In normal operation, supply current is 4mA.
The APX9292 is available in SSOP-16 and TSSOP-16
packages.
Single Phase Full Wave Fan Driver
Low Supply Current
Built-In Variable Speed Function
Include Hall Bias Circuit
Built-In Lock Protection and Auto Restart Func-
tion
FGOutput
Built-In Current Limit Circuit
Built-In Thermal Protection Circuit
SSOP-16 and TSSOP-16 Packages
Lead Free and Green Devices Available (RoHS
Compliant)
Applications
CPU Cooler
Variable Speed Control Fan
Pin Configuration
NC 7
FG 6
SET 4
OUT2 1
VCC 2
OSC 5
MIN 3
13 SGND
9 HB
12 CT
PGND
8 IN+
11 6VREG
10 IN-
PGND
SSOP-16
14 OUT1
14 OUT1
MIN 3
NC 7
13 SGND
9 HB
FG 6
SET 4
12 CT
OUT2 1
VCC 2
PGND
8 IN+
11 6VREG
10 IN-
OSC 5
PGND
TSSOP-16


Numéro de pièce similaire - APX9292

FabricantNo de pièceFiches techniqueDescription
logo
Anpec Electronics Corop...
APX9291 ANPEC-APX9291 Datasheet
209Kb / 14P
Direct PWM Variable Speed Fan Motor Driver
APX9291NI-TRG ANPEC-APX9291NI-TRG Datasheet
209Kb / 14P
Direct PWM Variable Speed Fan Motor Driver
More results

Description similaire - APX9292

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA6908F ROHM-BA6908F Datasheet
101Kb / 8P
Single-phase full-wave motor driver for fan motor
BD6709FS ROHM-BD6709FS Datasheet
241Kb / 6P
Single-Phase Full-Wave Motor Driver for Fan Motor
BH6779FVM ROHM-BH6779FVM Datasheet
220Kb / 5P
Single-Phase Full-Wave Motor Driver for Fan Motor
BH6789FVM ROHM-BH6789FVM Datasheet
222Kb / 5P
Single-Phase Full-Wave Motor Driver for Fan Motor
BA6908F ROHM-BA6908F_1 Datasheet
232Kb / 5P
Single-Phase Full-Wave Motor Driver for Fan Motor
logo
Eutech Microelectronics...
EUM6179 EUTECH-EUM6179 Datasheet
260Kb / 11P
Single-Phase Full-Wave Motor Driver for Fan Motor
logo
Rohm
BA6908F ROHM-BA6908F_2 Datasheet
115Kb / 4P
Single-Phase Full-Wave Motor Driver for Fan Motor
logo
Anpec Electronics Corop...
APX9203 ANPEC-APX9203 Datasheet
317Kb / 28P
Single-Phase Full-Wave Motor Driver for Fan Motor
APX9766 ANPEC-APX9766 Datasheet
189Kb / 12P
Single-Phase Full-Wave Motor Driver for Fan Motor
logo
AMtek SEMICONDUCTORS CO...
AM7302 AMTEK-AM7302 Datasheet
458Kb / 12P
Single Phase Full-Wave Motor Driver for Fan Motor
OCT. 2011 V0.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com