Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

APX9292 Fiches technique(PDF) 9 Page - Anpec Electronics Coropration

No de pièce APX9292
Description  Single-Phase Full-Wave Motor Driver for Fan Motor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANPEC [Anpec Electronics Coropration]
Site Internet  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9292 Fiches technique(HTML) 9 Page - Anpec Electronics Coropration

Back Button APX9292 Datasheet HTML 5Page - Anpec Electronics Coropration APX9292 Datasheet HTML 6Page - Anpec Electronics Coropration APX9292 Datasheet HTML 7Page - Anpec Electronics Coropration APX9292 Datasheet HTML 8Page - Anpec Electronics Coropration APX9292 Datasheet HTML 9Page - Anpec Electronics Coropration APX9292 Datasheet HTML 10Page - Anpec Electronics Coropration APX9292 Datasheet HTML 11Page - Anpec Electronics Coropration APX9292 Datasheet HTML 12Page - Anpec Electronics Coropration APX9292 Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Apr., 2017
www.anpec.com.tw
9
APX9292
Functional Descriptions
Lockup Protection and Automatic Restart
The APX9292 provides the lockup protection and auto-
matic restart functions for preventing the coil burnout while
the fan is locked. Connecting the capacitor from CT pin to
GND determines the shutdown time and restart time. As
the fan is locked, the charge/discharge circuit will charge
the CT capacitor to 3.6V by a 2
µA source current for a
locked detection time, and then the circuit will switch the
capacitor to discharge. During the discharging interval,
the output drivers are switched off until the CT voltage is
discharged to 1.4V by a 0.2
µA sink current, and the circuit
will switch the capacitor to charge. In the charging interval,
the IC enters the restart time; one output is high and
another is low, which makes a torque for fan rotation until
the CT voltage is charged to 3.6V by a 2
µA source current.
If the locked condition still remains, the charge/discharge
process will be recurred until the locked condition is
released (See Figure 2: Lock/Auto Restart Waveform).
Figure 1: Rotation Waveform
Figure 2: Lock/Auto Restart Waveform
The APX9292 has a variable speed controller, which is
operated by comparing the voltage of OSC, MIN and
SET. Fan
’s minimum speed is set by comparing the OSC
oscillating voltage and MIN pin voltage. PW M control
system works by comparing the voltage of SET and OSC.
When SET voltage is lower than OSC voltage, one OUT
pulled high and another OUT pulled low. On the contrary,
when SET voltage is higher than OSC voltage, upper side
transistors are OFF, meanwhile, the coil current re-circu-
lates lower side transistor. Therefore, with decreasing
SET voltage, the output ON-Duty will be increasing, which
results in the increasing of the coil current and motor
rotation speed. Rotation speed is able to feedback by FG
output. PWM basic frequency becomes 30 KHz, when
putting on C
OSC=100pF. (See Figure 1: Rotation Waveform).
Variable speed control
IN+
IN-
SET
OUT1
OUT2
I
OUT
FG
MIN
OSC
Full
Speed
Lowest
Speed
IN+
IN-
Lock
Lock
Detection
Release
OUT2
OUT1
CT
FG
TOFF
TOFF
TON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com