Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

APX9292 Fiches technique(PDF) 10 Page - Anpec Electronics Coropration

No de pièce APX9292
Description  Single-Phase Full-Wave Motor Driver for Fan Motor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANPEC [Anpec Electronics Coropration]
Site Internet  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9292 Fiches technique(HTML) 10 Page - Anpec Electronics Coropration

Back Button APX9292 Datasheet HTML 6Page - Anpec Electronics Coropration APX9292 Datasheet HTML 7Page - Anpec Electronics Coropration APX9292 Datasheet HTML 8Page - Anpec Electronics Coropration APX9292 Datasheet HTML 9Page - Anpec Electronics Coropration APX9292 Datasheet HTML 10Page - Anpec Electronics Coropration APX9292 Datasheet HTML 11Page - Anpec Electronics Coropration APX9292 Datasheet HTML 12Page - Anpec Electronics Coropration APX9292 Datasheet HTML 13Page - Anpec Electronics Coropration APX9292 Datasheet HTML 14Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Apr., 2017
www.anpec.com.tw
10
APX9292
Functional Descriptions (Cont.)
Output Drivers
All four drivers in the bridge output are designed for single
coil fans. An internally generated dead time prevents cross-
over currents that can occur when switching the output
devices. Built-in re-circulation diodes make the output
current flows through the internal re-circulation diodes
between the output devices are switched off in dead time.
Frequency Generator Function
The FG pin is an open collector output, connecting a pull
up resistor to a high level voltage for the frequency gen-
erator function. When IN- is larger than IN+, the FG is low
(switch on); when IN- is smaller than IN+, the FG is high
(switch off). RD pin is also open corrector output. Low
level is at rotation mode and high level is at stop mode
(See Truth Table). Open the terminal when not in using.
Thermal Protection
The APX9292 has thermal protection. W hen internal
junction temperature reaches 175
°C, the output devices
will be switched off. When the IC
’s junction temperature
cools by 30
°C, the thermal sensor will turn the output
devices on again, resulting in a pulsed output during
continuous thermal protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com