Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

APX9292 Fiches technique(PDF) 3 Page - Anpec Electronics Coropration

No de pièce APX9292
Description  Single-Phase Full-Wave Motor Driver for Fan Motor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANPEC [Anpec Electronics Coropration]
Site Internet  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9292 Fiches technique(HTML) 3 Page - Anpec Electronics Coropration

  APX9292 Datasheet HTML 1Page - Anpec Electronics Coropration APX9292 Datasheet HTML 2Page - Anpec Electronics Coropration APX9292 Datasheet HTML 3Page - Anpec Electronics Coropration APX9292 Datasheet HTML 4Page - Anpec Electronics Coropration APX9292 Datasheet HTML 5Page - Anpec Electronics Coropration APX9292 Datasheet HTML 6Page - Anpec Electronics Coropration APX9292 Datasheet HTML 7Page - Anpec Electronics Coropration APX9292 Datasheet HTML 8Page - Anpec Electronics Coropration APX9292 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Apr., 2017
www.anpec.com.tw
3
APX9292
Recommended Operating Conditions
Symbol
Parameter
Rating
Unit
VCC
VCC Pin Supply Voltage
3.5 to 15
V
VSET
SET Pin Input Voltage Range
0 to V6VREG
V
VMIN
MIN Pin Input Voltage Range
0 to V6VREG
V
VICM
Common-Mode Hall Input Voltage Range
0.2 to 3
V
TA
Ambient Temperature
-40 to 90
°C
APX9292
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SUPPLY CURRENT
VHB
HB Pin Output Voltage
IHB = 5mA
1.15
1.3
1.45
V
V6VREG
6VREG Pin Output Voltage
I6VRGE=5mA
5.85
6
6.15
V
ICC1
Rotation Mode
-
4
6
mA
ICC2
Operating Current
Lock Protection Mode
-
4
6
mA
OSCILLATOR
VOSCH
OSC High Level Voltage
3.85
4
4.15
V
VOSCL
OSC Low Level Voltage
0.9
1
1.1
V
FOSC
OSC Oscillation Frequency
COSC = 100pF
20
30
40
kHz
LOCK PROTECTION
VCTH
CT Pin High Level Voltage
CCT = 1
µF
3.24
3.6
3.96
V
VCTL
CT Pin Low Level Voltage
CCT = 1
µF
1.2
1.4
1.6
V
ICT1
CT Charge Current
VCT = 0V
1.5
2
2.5
µA
ICT2
CT Discharge Current
VCT = 3.6V
0.15
0.2
0.25
µA
RCT
CT Charge/Discharge Current Ratio
RCT = ICT1/ICT2
9.5
11
12.5
-
OUTPUT DRIVERS
VOL
Output Lower Side Saturation
IOUT = 200mA
-
0.1
0.2
V
VOH
Output Upper Side Saturation
IOUT = 200mA
-
0.25
0.5
V
VFG
FG Pin Low Voltage
IFG = 5mA
-
0.2
0.3
V
IFGL
FG Pin Leak Current
VFG = 7V
-
-
0.1
µA
HALL SENSITIVITY
VHN
Hall Input Sensitivity
Zero to peak including offset
and hysteresis
-
10
25
mV
THERMAL SHUTDOWN
Over-Temperature Shutdown
Threshold
-
175
-
Over-Temperature Shutdown
Hysteresis
-
30
-
°C
CURRENT LIMIT
ILIM
Current Limit Value
0.85
1
1.15
A
Electrical Characteristics (V
CC = 12V, TA = 25°C, unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com