| Moteur de recherche de fiches techniques de composants électroniques |
|
OL2385SWUG Fiches technique(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
OL2385SWUG Fiches technique(HTML) 8 Page - NXP Semiconductors |
|
8 / 64 page ![]() NXP Semiconductors OL2385SWUG SIGFOX software driver OL2385SWUG All information provided in this document is subject to legal disclaimers. © NXP B.V. 2018. All rights reserved. User guide Rev. 2.1 — 6 April 2018 8 / 64 link between the development kit and a PC. It comes preloaded with microcode that manages the interface between the PC and the OL2385 reference board. Users must initially register their device with SIGFOX using a unique ID and access code provided with the kit. Once the device has been registered, the kit can be used to connect to the SIGFOX network and test the functionality of the OL2385-based application under development. To interact with the development kit, users must connect the kit to a PC through the OpenSDA port on the FRDM-KL43Z. A terminal emulator, such as HyperTerminal, provides the interface, allowing users to log in to the network and send and receive messages. Designers can also use the Kinetis Design Studio (KDS) or MCUXpresso IDE to develop and download microcode to the KL43Z. 5.2 Getting started NXP's analog product development boards provide an easy-to-use platform for evaluating NXP products. The boards support a range of analog, mixed-signal and power solutions. They incorporate monolithic ICs and system-in-package devices that use proven high-volume technology. NXP products offer longer battery life, a smaller form factor, reduced component counts, lower cost and improved performance in powering state-of-the-art systems. The tool summary page for the OM2385/SF001 development kit is located at www.nxp.com/OM2385. The Overview tab provides an overview of the device, product features, a description of the kit contents, a list of (and links to) supported devices, list of (and links to) any related products and a Get Started section. The Get Started section provides links to everything needed to start using the device and contains the most relevant, current information applicable to the FRDM-PF1550EVM. • Go to www.nxp.com/OM2385 • On the Overview tab, locate the Jump To navigation feature on the left side of the window. • Select the Get Started link. • Review each entry in the Get Started section and download an entry by clicking on the title. • After reviewing the Overview tab, visit the other product related tabs for additional information: – Documentation: download current documentation – Software & Tools: download current hardware and software tools – Buy/Parametrics: purchase the product and view the product parametrics After downloading files, review each file, including the user guide which includes setup instructions. If applicable, the bill of materials (BOM) and supporting schematics are also available for download in the Get Started section of the Overview tab. 5.2.1 Kit contents/packing list The OM2385/SF001 development kit contents include: • Assembled and tested OM2385/SF001 FRDM board mounted to a firmware-loaded FRDM-KL43Z board • Antenna with attached micro-FL connector • Standard A (male) to mini B (male) USB cable |