| Moteur de recherche de fiches techniques de composants électroniques |
|
OL2385SWUG Fiches technique(PDF) 16 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
OL2385SWUG Fiches technique(HTML) 16 Page - NXP Semiconductors |
|
16 / 64 page ![]() NXP Semiconductors OL2385SWUG SIGFOX software driver OL2385SWUG All information provided in this document is subject to legal disclaimers. © NXP B.V. 2018. All rights reserved. User guide Rev. 2.1 — 6 April 2018 16 / 64 5.4.1.1 Downloading and installing the driver for the FRDM-KL43Z This procedure involves downloading the FRDM-KL43Z driver from the P&E Microcomputer Systems website and installing it on the host PC. 1. Go to the P&E Microcomputer Systems OpenSDA page at www.pemicro.com/ opensda and, in the Windows USB Drivers box, click to download the PEDrivers_install.exe file to a location on the host PC. 2. When the download completes, click on the PEDrivers_install.exe file and follow the instructions to install the driver. 3. Connect a USB cable between the host PC and the FRDM-KL43Z USB port labeled SDA (J13). 4. Open Windows Explorer on the host PC. An icon labeled FRDM-KL43Z appears as a removable drive on the PC. Figure 13. Download the PEDrivers_install.exe file to a location on the host PC The FRDM-KL43Z is now ready for use with the OM2385/SF001 development kit. 5.4.1.2 Connecting the hardware for use with the SIGFOX network To connect the hardware to send messages across the SIGFOX network, do the following: 1. Check to assure that the OM2385 board is firmly attached to the FRDM-KL43Z. When connecting the boards, the three switches on the shield board should be on the same side as the USB ports on the FRDM-KL43Z board. 2. Attach the PCB antenna (included with the kit) by snapping the uFL connector on the antenna to the uFL connector on the shield board. |