Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OL2385SWUG Fiches technique(PDF) 28 Page - NXP Semiconductors

No de pièce OL2385SWUG
Description  SIGFOX software driver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

OL2385SWUG Fiches technique(HTML) 28 Page - NXP Semiconductors

Back Button OL2385SWUG Datasheet HTML 24Page - NXP Semiconductors OL2385SWUG Datasheet HTML 25Page - NXP Semiconductors OL2385SWUG Datasheet HTML 26Page - NXP Semiconductors OL2385SWUG Datasheet HTML 27Page - NXP Semiconductors OL2385SWUG Datasheet HTML 28Page - NXP Semiconductors OL2385SWUG Datasheet HTML 29Page - NXP Semiconductors OL2385SWUG Datasheet HTML 30Page - NXP Semiconductors OL2385SWUG Datasheet HTML 31Page - NXP Semiconductors OL2385SWUG Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 64 page
background image
NXP Semiconductors
OL2385SWUG
SIGFOX software driver
OL2385SWUG
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
User guide
Rev. 2.1 — 6 April 2018
28 / 64
6.2.4.4 SPI command descriptions
For details of each command, refer to SIGFOX SPI Command Interface Description.xls
at:
www.nxp.com/products/software-and-tools/hardware-development-tools/freedom-
development-boards/om2385-sf001-ol2385-wireless-sub-ghz-transceiver-sigfox-
development-kit-with-kl43z:OM2385-SF001?tab=Documentation_Tab
6.2.4.5 Low-level drivers
This section describes the low-level MCU peripheral drivers used by the SIGFOX
software driver. The SIGFOX driver depends on these low-level drivers for functions such
as communication and control.
Because the SIGFOX software driver is built on AML, it has access to a subset of low-
level drivers supported by the underlying SDK. Most analog devices require that some
of the SPI, I2C, Timer, ADC and GPIO drivers be configured on the MCU side. The AML
layer unifies the API for these selected drivers, making the software driver portable
across SDKs.
Figure 20 illustrates the software driver architecture in terms of communication and
control.
Figure 20. Software driver architecture
6.2.4.6 Required driver setup
In order to execute correctly, the SIGFOX software driver requires the following:
• In the file aml/common_aml.h, the SDK_VERSION macro must indicate which SDK is
being used.
• In the file sf/sf_model.h, the SF_MODEL macro must indicate which SIGFOX model
is being used. Setting this parameter enables the driver to make the necessary
adjustments required to support the model.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64