Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OL2385SWUG Fiches technique(PDF) 29 Page - NXP Semiconductors

No de pièce OL2385SWUG
Description  SIGFOX software driver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

OL2385SWUG Fiches technique(HTML) 29 Page - NXP Semiconductors

Back Button OL2385SWUG Datasheet HTML 25Page - NXP Semiconductors OL2385SWUG Datasheet HTML 26Page - NXP Semiconductors OL2385SWUG Datasheet HTML 27Page - NXP Semiconductors OL2385SWUG Datasheet HTML 28Page - NXP Semiconductors OL2385SWUG Datasheet HTML 29Page - NXP Semiconductors OL2385SWUG Datasheet HTML 30Page - NXP Semiconductors OL2385SWUG Datasheet HTML 31Page - NXP Semiconductors OL2385SWUG Datasheet HTML 32Page - NXP Semiconductors OL2385SWUG Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 64 page
background image
NXP Semiconductors
OL2385SWUG
SIGFOX software driver
OL2385SWUG
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
User guide
Rev. 2.1 — 6 April 2018
29 / 64
6.2.5 Installing the software using KDS
This section describes how to install Kinetis Design Studio and use the embedded
software driver for SIGFOX application development.
MCUXpresso SDK is a comprehensive collection of software resources that
supports NXP microcontroller development. For more information, go to the website
mcuxpresso.nxp.com.
6.2.5.1 Installing Kinetis Design Studio
This procedure explains how to obtain and install the latest version of Kinetis Design
Studio (version 3.2.0 in this guide). The procedure for MCUXpresso IDE installation or
S32 Design Studio installation is similar.
Note:
The component and some examples in the component package are intended for Kinetis
Design Studio 3.2.0 or newer and MCUXpresso IDE 10.1.1 or newer. If Kinetis Design
Studio 3.2.0 or MCUXpresso 10.1.1 is already installed on the system, skip this section.
1. Obtain the latest Kinetis Design Studio 3.2.0 installer file from the NXP website here:
www.nxp.com/KDS
2. Obtain the MCUXpresso IDE installer file from NXP website here: www.nxp.com/
MCUXpresso
3. Obtain the S32 Design Studio installer file from the NXP website here: www.nxp.com/
S32DS
Run the executable file and follow the instructions.
6.2.5.2 Downloading the MCUXpresso SDK library
This step is necessary only when creating a new MCUXpresso SDK project, in which
case the selected MCU's low-level drivers must be downloaded. The example projects
listed in Table 7 include the required drivers. In addition, the S32 Design Studio SDK
library is distributed with a complete IDE and requires no manual driver additions.
The MCUXpresso SDK Builder is a tool that allows the downloading of a customized
MCUXpresso SDK based on a specific evaluation platform or Kinetis MCU. To download
the MCUXpresso SDK, go to: mcuxpresso.nxp.com
6.2.5.3 Downloading the software driver and example projects
To download the latest version of the SIGFOX software driver and the example projects,
do the following:
1. Go to the NXP website www.nxp.com/EMBEDDED-SW-SIGFOX.
2. Download the zip file containing the software driver and the example projects.
3. Unzip the downloaded file and check to see that the folder contains the files listed in
Table 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64