| Moteur de recherche de fiches techniques de composants électroniques |
|
OL2385SWUG Fiches technique(PDF) 51 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
OL2385SWUG Fiches technique(HTML) 51 Page - NXP Semiconductors |
|
51 / 64 page ![]() NXP Semiconductors OL2385SWUG SIGFOX software driver OL2385SWUG All information provided in this document is subject to legal disclaimers. © NXP B.V. 2018. All rights reserved. User guide Rev. 2.1 — 6 April 2018 51 / 64 • RF connector cable connected to the OL2385 and the vector signal generator Figure 34. Signal generator used for LBT test There are three test setups that are needed to be tested for a complete LBT testing. Each setup requires a special square test signal for creating a busy condition on the channel. Before we start with the description of the test setups, here is an example of a test signal creation using the vector signal generator shown in Figure 34. The following steps can be taken to generate a signal: Step1: Press Preset on the vector signal analyzer. Step 2: Follow the steps explained in the diagrams below in sequence. |