Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OL2385SWUG Fiches technique(PDF) 59 Page - NXP Semiconductors

No de pièce OL2385SWUG
Description  SIGFOX software driver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

OL2385SWUG Fiches technique(HTML) 59 Page - NXP Semiconductors

Back Button OL2385SWUG Datasheet HTML 55Page - NXP Semiconductors OL2385SWUG Datasheet HTML 56Page - NXP Semiconductors OL2385SWUG Datasheet HTML 57Page - NXP Semiconductors OL2385SWUG Datasheet HTML 58Page - NXP Semiconductors OL2385SWUG Datasheet HTML 59Page - NXP Semiconductors OL2385SWUG Datasheet HTML 60Page - NXP Semiconductors OL2385SWUG Datasheet HTML 61Page - NXP Semiconductors OL2385SWUG Datasheet HTML 62Page - NXP Semiconductors OL2385SWUG Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 64 page
background image
NXP Semiconductors
OL2385SWUG
SIGFOX software driver
OL2385SWUG
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
User guide
Rev. 2.1 — 6 April 2018
59 / 64
Figure 43. Putty settings for RX sensitivity test
7.3.7 How to get ID-PAC of a device
1. Press the reset button on the KL43Z to start from the beginning. (This step is optional
and not required if the device has not had a recent reset or it is already awake)
2. Choose Send Wake up: Type
1, and then press Enter.
3. Choose the region Change to RCZXX: Type
15 or 16 or 17 or 18, and then press
Enter. This will program the opening center frequencies of each region into the
OL2385.
4. Choose Get info command: Type
8, and then press Enter. The ID and PAC are
displayed on the terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64