| Moteur de recherche de fiches techniques de composants électroniques |
|
AS6200C Fiches technique(PDF) 4 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS6200C Fiches technique(HTML) 4 Page - ams AG |
|
4 / 35 page ![]() Document Feedback AS6200C General Description Datasheet • PUBLIC DS000563 • v2-01 • 2018-Apr-13 35 │ 4 1.3 Block Diagram The functional blocks of this device are shown below: Figure 2 : Functional Blocks of AS6200C In Figure 2 the functional blocks are depicted. The sensing element for sensing the temperature is a Si bipolar transistor. The analog signal of the sensing element is converted into a digital signal by the A/D converter and the signal is further processed by a digital signal processor and written into the registers. The registers can be accessed via the serial bus interface (I²C bus). |