| Moteur de recherche de fiches techniques de composants électroniques |
|
AS6200C Fiches technique(PDF) 6 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS6200C Fiches technique(HTML) 6 Page - ams AG |
|
6 / 35 page ![]() Document Feedback AS6200C Pin Assignment Datasheet • PUBLIC DS000563 • v2-01 • 2018-Apr-13 35 │ 6 3 Pin Assignment 3.1 Pin Diagram Figure 3: Pin Assignment WLCSP In Figure 3 the pin assignment of the WLCSP package is shown. The viewing side is from the bottom. The A1 pin is also marked with a point on the top side 3.2 Pin Description Figure 4: Pin Description of AS6200C (WLCSP) Pin Number Pin Name Pin Type (1) Description A1 ALERT DO_OD Alert output (interrupt) A2 VSS S Ground Pin A3 SCL DI_S Serial Interface Clock B1 ADD0 DI_S Address Select Pin B2 VDD S Positive Supply Voltage |