| Moteur de recherche de fiches techniques de composants électroniques |
|
AS6200C Fiches technique(PDF) 7 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS6200C Fiches technique(HTML) 7 Page - ams AG |
|
7 / 35 page ![]() Document Feedback AS6200C Pin Assignment Datasheet • PUBLIC DS000563 • v2-01 • 2018-Apr-13 35 │ 7 Pin Number Pin Name Pin Type (1) Description B3 SDA DI_SOD Serial Interface Data (1) Explanation of abbreviations: S Digital Input DO_OD Digital Output open drain DI_S Digital Schmitt Trigger Input DIO_SOD Digital Schmitt Trig In Figure 4 the pins of AS6200C are described. External pull up resistors are necessary for the pins “Alert”, “SDA” & “SCL”. The pin “ADD0” must not be left unconnected (refer to the bus address section for further details). |